Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU3709PBF Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRFU3709PBF
Description  High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU3709PBF Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRFU3709PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU3709PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU3709PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU3709PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU3709PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU3709PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU3709PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU3709PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU3709PBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.kersemi.com
1
12/06/04
IRFU3709PbF
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
30V
9.0m
90A„
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-to-Source Voltage
±20
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
90
„
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
57
„
A
IDM
Pulsed Drain Current

360
PD @TC = 25°C
Maximum Power Dissipation
120
W
PD @TC = 100°C
Maximum Power Dissipation
48
W
Linear Derating Factor
0.96
mW/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.04
RθJA
Junction-to-Ambient
–––
110
°C/W
Thermal Resistance
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Computer Processor Power
l Lead-Free
I-Pak
IRFU3709
PD - 95519A


Similar Part No. - IRFU3709PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3709PBF IRF-IRFU3709PBF Datasheet
161Kb / 9P
   HEXFET짰Power MOSFET
More results

Similar Description - IRFU3709PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3704TRLPBF IRF-IRFR3704TRLPBF Datasheet
226Kb / 10P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF7457PBF IRF-IRF7457PBF_15 Datasheet
182Kb / 8P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRLPBF IRF-IRF3711STRLPBF Datasheet
292Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706STRL IRF-IRF3706STRL Datasheet
152Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707STRRPBF IRF-IRF3707STRRPBF Datasheet
287Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRFR3711TRPBF IRF-IRFR3711TRPBF Datasheet
237Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3704STRLPBF IRF-IRF3704STRLPBF Datasheet
270Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com