Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4578 Datasheet(PDF) 2 Page - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4578
Description  30V N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd

AO4578 Datasheet(HTML) 2 Page - shenzhen wanhexing Electronics Co.,Ltd

  AO4578 Datasheet HTML 1Page - shenzhen wanhexing Electronics Co.,Ltd AO4578 Datasheet HTML 2Page - shenzhen wanhexing Electronics Co.,Ltd AO4578 Datasheet HTML 3Page - shenzhen wanhexing Electronics Co.,Ltd AO4578 Datasheet HTML 4Page - shenzhen wanhexing Electronics Co.,Ltd AO4578 Datasheet HTML 5Page - shenzhen wanhexing Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO4578
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
1.4
1.8
2.2
V
4.7
5.7
TJ=125°C
6.5
7.8
7.2
9
m
gFS
62
S
VSD
0.7
1
V
IS
4.2
A
Ciss
1128
pF
Coss
435
pF
Crss
59
pF
Rg
0.7
1.4
2.1
Qg(10V)
16.2
25
nC
Qg(4.5V)
7.4
15
nC
Qgs
4.3
nC
Qgd
2.3
nC
tD(on)
5.5
ns
tr
3
ns
t
22.5
ns
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
VGS=10V, ID=20A
RDS(ON)
Static Drain-Source On-Resistance
IDSS
µA
VDS=VGS,ID=250µA
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
IS=1A,VGS=0V
VDS=5V, ID=20A
VGS=4.5V, ID=20A
Forward Transconductance
Diode Forward Voltage
Turn-On Rise Time
Turn-Off DelayTime
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
VGS=10V, VDS=15V, RL=0.75Ω,
R
=3
Reverse Transfer Capacitance
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Gate resistance
f=1MHz
Total Gate Charge
VGS=10V, VDS=15V, ID=20A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
tD(off)
22.5
ns
tf
3
ns
trr
13.3
ns
Qrr
25
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
Turn-Off DelayTime
IF=20A, dI/dt=500A/µs
Turn-Off Fall Time
RGEN=3Ω
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedance from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedance which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev.1.0: August 2013
www.aosmd.com
Page 2 of 5
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AO4578

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4578 AOSMD-AO4578 Datasheet
58Kb / 1P
   SO8 PACKAGE MARKING DESCRIPTION
logo
Guangdong Kexin Industr...
AO4578 KEXIN-AO4578 Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4578 DOINGTER-AO4578 Datasheet
367Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Guangdong Kexin Industr...
AO4578-HF KEXIN-AO4578-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4578L AOSMD-AO4578L Datasheet
58Kb / 1P
   SO8 PACKAGE MARKING DESCRIPTION
More results

Similar Description - AO4578

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com