Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31LT3932-GRLS2-TR Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS31LT3932-GRLS2-TR
Description  High PF universal LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3932-GRLS2-TR Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS31LT3932-GRLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3932-GRLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3932-GRLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3932-GRLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3932-GRLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3932-GRLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3932-GRLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31LT3932-GRLS2-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31LT3932-GRLS2-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IS31LT3932
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 8/14/2013
7
resistors of 1% should be used.
A small, 1nF
capacitor, C7, is used to filter high frequency noise.
Working Frequency
The working frequency is set by connecting a resistor
between the FSET pin and ground.
The relationship
between the frequency and resistance is:
)
(
250
1
50
×
×
=
k
R
V
V
k
f
CT
FB
Output open circuit protection
Open circuit protection is realized by connecting a
resistor network to the FB pin. By sensing the voltage
of the auxiliary winding, which is proportional to the
output voltage, the IS31LT3932 detects when there is
an open circuit condition on the secondary and stop
the switching action.
The threshold voltage for the FB
pin is 1.25V.
Figure 14 OVP
Output short circuit protection
If the output of the circuit is suddenly shorted, the
voltage of the secondary winding is quickly reduced.
This in-turn reduces the reflected voltage in the
auxiliary winding, so VCC of the device drops rapidly.
If the VCC voltage drops below the UVLO, the device
will stop switching, thus indirectly achieving output
short circuit protection.
Figure 15 Output short circuit protect
UVLO protection
The device will not operate if the VCC voltage is below
the under-voltage lockout threshold. Until the VCC
voltage get startup threshold, the device start again.
CS over current and maximum duty cycle
protection
If the CS pin is shorted to ground, the device can no
longer detect the peak current of the inductor, and thus
will quickly cause damage to the power MOS, inductor,
or other circuit components. The maximum duty cycle
of the gate is limited to 62.5% internally to prevent a
shorted CS pin from going into current runaway. when
the duty cycle greater than 62.5% the gate will turn off
80ms.
In addition to the duty cycle limit protection, there is
also an inductor over current protection. If a fault
condition exists wherein the inductor current continues
to increase cycle per cycle, this would eventually cause
the inductor into an over current condition. However, if
the Vcs pin rises to 0.7V, the NMOS will immediately
be shut off by the driving the gate low for a period of
40ms, after which the device will attempt a restart.
Load regulation
Frequency control is controlled by the FB pin voltage,
when the FB pin voltage in the range of 0.5~1.25V, the
control voltage is proportional to the frequency and FB,
when the FB voltage is less than 0.5V, the frequency
remained unchanged. Because the auxiliary winding
voltage and the output voltage is the transformer turns
ratio relationship, the FB pin detection auxiliary winding
voltage, so, FB voltage follower output voltage
changes, namely control frequency following the
change of output voltage, in order to achieve constant
output current.
Transformer design
VCC
GATE
VCC
GATE


Similar Part No. - IS31LT3932-GRLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3938 ISSI-IS31LT3938 Datasheet
309Kb / 11P
   High Voltage LED Lighting Driver with Three Level Power Sequencing
More results

Similar Description - IS31LT3932-GRLS2-TR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1688 DIODES-AP1688 Datasheet
359Kb / 10P
   AC/DC, HIGH PF, HIGH EFFICIENCY, UNIVERSAL MAINS LED DRIVER CONTROLLER
logo
Supertex, Inc
HV9910B SUTEX-HV9910B_08 Datasheet
741Kb / 8P
   Universal High Brightness LED Driver
logo
Diodes Incorporated
AL9901 DIODES-AL9901 Datasheet
681Kb / 20P
   UNIVERSAL HIGH VOLTAGE LED DRIVER
logo
List of Unclassifed Man...
SQ9910 ETC2-SQ9910 Datasheet
484Kb / 10P
   Universal High Brightness LED Driver
logo
Bruckewell Technology L...
BW7381 BWTECH-BW7381 Datasheet
537Kb / 11P
   Universal High Brightness LED Driver
logo
Shenzhen Huazhimei Semi...
HM9910 HMSEMI-HM9910 Datasheet
689Kb / 4P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
   Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
   Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com