Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU9024N Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # IRFU9024N
Description  Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU9024N Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRFU9024N Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU9024N Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0.1
1
10
100
0.2
0.6
0.9
1.3
1.6
-V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
0.1
1
10
100
1000
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
-V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
0
100
200
300
400
500
600
700
1
1 0
100
DS
V
, Drai n-to -So urce V oltag e (V)
A
V
= 0V ,
f = 1MH z
C
= C
+ C
, C
SH OR TED
C
= C
C
= C
+ C
GS
is s
gs
g d
ds
rs s
g d
os s
ds
gd
C is s
C os s
C rs s
0
4
8
12
16
20
0
5
10
15
20
25
G
A
Q
, To tal G ate C ha rg e (n C)
FOR TE ST CIRCUIT
SE E FIG U R E 1 3
I
= -7 .2A
V
= -44 V
V
= -28 V
D
DS
DS
IRFR/U9024N
www.kersemi.com
4 /10


Similar Part No. - IRFU9024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU9024N IRF-IRFU9024N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
logo
Inchange Semiconductor ...
IRFU9024N ISC-IRFU9024N Datasheet
305Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRFU9024NCPBF IRF-IRFU9024NCPBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET
logo
Kersemi Electronic Co.,...
IRFU9024NCPBF KERSEMI-IRFU9024NCPBF Datasheet
5Mb / 10P
   ULTRA LOW ON-RESISTANCE
IRFU9024NCPBF KERSEMI-IRFU9024NCPBF Datasheet
5Mb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRFU9024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com