Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR9024NPBF Datasheet(PDF) 10 Page - Kersemi Electronic Co., Ltd.

Part # IRFR9024NPBF
Description  ULTRA LOW ON-RESISTANCE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR9024NPBF Datasheet(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRFR9024NPBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR9024NPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR9024NPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR9024NPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR9024NPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR9024NPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR9024NPBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR9024NPBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFR9024NPBF Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRFR/U9024NPbF
10
www.kersemi.com
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
16.3 ( .641 )
15.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .476 )
11.9 ( .469 )
FEED DIRECTION
FEED DIRECTION
16.3 ( .641 )
15.7 ( .619 )
TRR
TRL
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES :
1. OUTLINE CONFORMS TO EIA-481.
16 mm
13 INCH


Similar Part No. - IRFR9024NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175廓 , ID = -11A )
logo
Kersemi Electronic Co.,...
IRFR9024NPBF KERSEMI-IRFR9024NPBF Datasheet
4Mb / 10P
   ULTRA LOW ON-ORSISTANCE
logo
International Rectifier
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   Ultra Low On-Resistance
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   Ultra Low On-Resistance
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   ULTRA LOW ON RESISTANCE
More results

Similar Description - IRFR9024NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com