Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU9120N Datasheet(PDF) 8 Page - Kersemi Electronic Co., Ltd.

Part # IRFU9120N
Description  Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU9120N Datasheet(HTML) 8 Page - Kersemi Electronic Co., Ltd.

Back Button IRFU9120N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFU9120N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU9120N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU9120N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU9120N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU9120N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU9120N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU9120N Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFU9120N Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package Outline
TO-252AA Outline
Dimensions are shown in millimeters (inches)
TO-252AA (D-Pak)
Part Marking Information
6.73 (.265)
6.35 (.250)
- A -
4
1
2
3
6.22 (.245)
5.97 (.235)
- B -
3X
0.89 (.035)
0.64 (.025)
0.25 (.010)
M
A M B
4.57 (.180)
2.28 (.090)
2X
1.14 (.045)
0.76 (.030)
1.52 (.060)
1.15 (.045)
1.02 (.040)
1.64 (.025)
5.46 (.215)
5.21 (.205)
1.27 (.050)
0.88 (.035)
2.38 (.094)
2.19 (.086)
1.14 (.045)
0.89 (.035)
0.58 (.023)
0.46 (.018)
6.45 (.245)
5.68 (.224)
0.51 (.020)
M IN .
0.58 (.023)
0.46 (.018)
L EAD ASSIG N M E N T S
1 - G A T E
2 - D R A IN
3 - S O U R C E
4 - D R A IN
10.42 (.410)
9.40 (.370)
N O T ES:
1 D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 14.5M , 1982.
2 CO NT RO LL IN G DIME NS IO N : IN CH .
3 C O N F O R M S T O JE D E C O U T L IN E T O -25 2 A A .
4 D IMEN S IO N S SH OW N AR E BEF OR E SOL D ER D IP,
S O LD E R D IP M A X. +0.16 (.006).
IN TE R N A TIO N A L
R E C T IF IE R
ASSEM B L Y
L O T
C O D E
E X A M P L E : T H IS IS A N IR F R 1 2 0
W IT H ASSEM BL Y
L O T C O D E 9 U 1 P
FIR S T P O R T IO N
OF PA R T N U M BER
SEC O N D POR T IO N
O F PAR T N U M BER
12 0
IR F R
9 U
1 P
A
IRFR/U9120N
www.kersemi.com
8 / 10


Similar Part No. - IRFU9120N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU9120N IRF-IRFU9120N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A)
IRFU9120NPBF IRF-IRFU9120NPBF Datasheet
262Kb / 11P
   HEXFET Power MOSFET ( VDSS = -100V , RDS(on) = 0.48廓 , ID = -6.6A )
logo
Kersemi Electronic Co.,...
IRFU9120NPBF KERSEMI-IRFU9120NPBF Datasheet
3Mb / 10P
   HEXFET POWER MOSFET
logo
International Rectifier
IRFU9120NPBF IRF-IRFU9120NPBF Datasheet
2Mb / 4P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFU9120NPBF KERSEMI-IRFU9120NPBF Datasheet
3Mb / 10P
   ULTRA LOW ON-RESISTANCE
More results

Similar Description - IRFU9120N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com