Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLD03N06CLE Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # RLD03N06CLE
Description  0.3A, 60V, ESD Rated, Current Limited, Voltage Clamped Logic Level N-Channel Enhancement-Mode Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RLD03N06CLE Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button RLD03N06CLE Datasheet HTML 2Page - Fairchild Semiconductor RLD03N06CLE Datasheet HTML 3Page - Fairchild Semiconductor RLD03N06CLE Datasheet HTML 4Page - Fairchild Semiconductor RLD03N06CLE Datasheet HTML 5Page - Fairchild Semiconductor RLD03N06CLE Datasheet HTML 6Page - Fairchild Semiconductor RLD03N06CLE Datasheet HTML 7Page - Fairchild Semiconductor RLD03N06CLE Datasheet HTML 8Page - Fairchild Semiconductor RLD03N06CLE Datasheet HTML 9Page - Fairchild Semiconductor RLD03N06CLE Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
RLD03N06CLE, RLD03N06CLESM, RLP03N06CLE
Performance Curves
FIGURE 15. DC OPERATION IN CURRENT LIMITING
FIGURE 16. MAXIMUM VDS vs AMBIENT TEMPERATURE IN
CURRENT LIMITING. (HEATSINK THERMAL
RESISTANCE = 1oC/W)
FIGURE 17. MAXIMUM VDS vs AMBIENT TEMPERATURE IN
CURRENT LIMITING. (HSTR = 2oC/W)
FIGURE 18. MAXIMUM VDS vs AMBIENT TEMPERATURE IN
CURRENT LIMITING. (HSTR = 5oC/W)
FIGURE 19. MAXIMUM VDS vs AMBIENT TEMPERATURE IN
CURRENT LIMITING. (HSTR = 10oC/W)
FIGURE 20. MAXIMUM VDS vs AMBIENT TEMPERATURE IN
CURRENT LIMITING. (HSTR = 25oC/W)
HEAT SINK THERMAL RESISTANCE = HSTR
HSTR = 0oC/W
HSTR = 1oC/W
HSTR = 2oC/W
HSTR = 10oC/W
HSTR = 25oC/W
HSTR = 80oC/W
TJ = 175
oC
ILIM = 0.210A
JC = 5.0
oC/W
90
75
60
45
30
15
0
25
50
75
100
125
150
175
TA , AMBIENT TEMPERATURE (
oC)
HSTR = 5oC/W
DUTY CYCLE = DC
MAX PULSE WIDTH = 100ms
DC = 2%
DC = 5%
DC = 10%
DC = 20%
DC = 50%
90
75
60
45
30
15
0
100
125
150
175
TA , AMBIENT TEMPERATURE (
oC)
TJ = 175
oC
ILIM = 0.210A
JC = 5.0
oC/W
DC = 2%
DC = 5%
DC = 10%
DC = 20%
DC = 50%
90
75
60
45
30
15
0
100
125
150
175
TA , AMBIENT TEMPERATURE (
oC)
DUTY CYCLE = DC
MAX PULSE WIDTH = 100ms
TJ = 175
oC
ILIM = 0.210A
JC = 5.0
oC/W
DC = 2%
DC = 5%
DC = 10%
DC = 20%
DC = 50%
90
75
60
45
30
15
0
75
100
125
150
175
TA , AMBIENT TEMPERATURE (
oC)
DUTY CYCLE = DC
MAX PULSE WIDTH = 100ms
TJ = 175
oC
ILIM = 0.210A
RθJC = 5.0
oC/W
DC = 2%
DC = 5%
DC = 10%
DC = 20%
DC = 50%
90
75
60
45
30
15
0
75
100
125
150
175
TA , AMBIENT TEMPERATURE (
oC)
50
25
DUTY CYCLE = DC
MAX PULSE WIDTH = 100ms
TJ = 175
oC
ILIM = 0.210A
JC = 5.0
oC/W
DC = 2%
DC = 5%
DC = 10%
DC = 20%
DC = 50%
90
75
60
45
30
15
0
75
100
125
150
175
TA , AMBIENT TEMPERATURE (
oC)
50
25
DUTY CYCLE = DC
MAX PULSE WIDTH = 100ms
TJ = 175
oC
ILIM = 0.210A
JC = 5.0
oC/W


Similar Part No. - RLD03N06CLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RLD03N06CLE INTERSIL-RLD03N06CLE Datasheet
93Kb / 9P
   0.3A, 60V, 6 Ohm, ESD Rated, Current Limited, Voltage Clamped, Logic Level N-Channel Power MOSFETs
RLD03N06CLESM INTERSIL-RLD03N06CLESM Datasheet
93Kb / 9P
   0.3A, 60V, 6 Ohm, ESD Rated, Current Limited, Voltage Clamped, Logic Level N-Channel Power MOSFETs
More results

Similar Description - RLD03N06CLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RLD03N06CLE INTERSIL-RLD03N06CLE Datasheet
93Kb / 9P
   0.3A, 60V, 6 Ohm, ESD Rated, Current Limited, Voltage Clamped, Logic Level N-Channel Power MOSFETs
logo
Harris Corporation
RFP30N06LE HARRIS-RFP30N06LE Datasheet
91Kb / 6P
   30A, 60V, ESD Rated, Avalanche Rated, Logic Level N-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RFP30N06LE INTERSIL-RFP30N06LE Datasheet
80Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP30N06LE FAIRCHILD-RFP30N06LE Datasheet
188Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
   15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N03L FAIRCHILD-RFD16N03L Datasheet
130Kb / 7P
   16A, 30V, Avalanche Rated N-Channel Logic Level Enhancement-Mode Power MOSFETs
RFG70N06 FAIRCHILD-RFG70N06 Datasheet
90Kb / 6P
   70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
RFG45N06 FAIRCHILD-RFG45N06 Datasheet
82Kb / 6P
   45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RFT3055LE INTERSIL-RFT3055LE Datasheet
96Kb / 10P
   2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET
logo
Harris Corporation
RFD3055 HARRIS-RFD3055 Datasheet
118Kb / 8P
   12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com