Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF4001 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SF4001
Description  Ultra-Fast Avalanche Sinterglass Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF4001 Datasheet(HTML) 2 Page - Vishay Siliconix

  SF4001 Datasheet HTML 1Page - Vishay Siliconix SF4001 Datasheet HTML 2Page - Vishay Siliconix SF4001 Datasheet HTML 3Page - Vishay Siliconix SF4001 Datasheet HTML 4Page - Vishay Siliconix SF4001 Datasheet HTML 5Page - Vishay Siliconix SF4001 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SF4001, SF4002, SF4003, SF4004, SF4005, SF4006, SF4007
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 11-Sep-12
2
Document Number: 86060
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Average forward current
Lead length l = 10 mm
IFAV
1A
Junction and storage temperature
range
Tj = Tstg
- 55 to + 175
°C
Non repetitive reverse avalanche
energy
I(BR)R = 0.4 A
ER
10
mJ
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
45
K/W
On PC board with spacing 25 mm
RthJA
100
K/W
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 1 A
SF4001
VF
--
1
V
SF4002
VF
--
1
V
SF4003
VF
--
1
V
SF4004
VF
--
1
V
SF4005
VF
--
1.7
V
SF4006
VF
--
1.7
V
SF4007
VF
--
1.7
V
Reverse current
VR = VRRM
IR
--
5
μA
VR = VRRM, Tj = 125 °C
IR
-
-
50
μA
Reverse breakdown voltage
IR = 100 μA
SF4001
V(BR)R
50
-
-
V
SF4002
V(BR)R
100
-
-
V
SF4003
V(BR)R
200
-
-
V
SF4004
V(BR)R
400
-
-
V
SF4005
V(BR)R
600
-
-
V
SF4006
V(BR)R
800
-
-
V
SF4007
V(BR)R
1000
-
-
V
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
SF4001
trr
-
-
50
ns
SF4002
trr
-
-
50
ns
SF4003
trr
-
-
50
ns
SF4004
trr
-
-
50
ns
SF4005
trr
-
-
75
ns
SF4006
trr
-
-
75
ns
SF4007
trr
-
-
75
ns


Similar Part No. - SF4001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF4001 VISHAY-SF4001 Datasheet
49Kb / 5P
   Super Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
SF4001 VISHAY-SF4001 Datasheet
120Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Aug-10
logo
SUNMATE electronic Co.,...
SF4001 SUNMATE-SF4001 Datasheet
143Kb / 3P
   1A Axial Leaded Super Fast Soft Recovery Rectifier
logo
Vishay Siliconix
SF4001 VISHAY-SF4001 Datasheet
141Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
logo
Gulf Semiconductor
SF4001GP GULFSEMI-SF4001GP Datasheet
183Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results

Similar Description - SF4001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV27-600 VISHAY-BYV27-600 Datasheet
115Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.6, 04-Aug-10
BYV28-600-TR VISHAY-BYV28-600-TR Datasheet
111Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Sep-12
logo
Digitron Semiconductors
BYV27-50 DIGITRON-BYV27-50 Datasheet
92Kb / 3P
   ULTRA FAST AVALANCHE SINTERGLASS DIODE
logo
Vishay Siliconix
BYV28-50 VISHAY-BYV28-50_V01 Datasheet
126Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_15 Datasheet
127Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV27-50 VISHAY-BYV27-50_15 Datasheet
129Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26E-TR VISHAY-BYV26E-TR Datasheet
121Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26A VISHAY-BYV26A_10 Datasheet
114Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Aug-10
logo
Nanjing International G...
BYV26E DGNJDZ-BYV26E Datasheet
175Kb / 2P
   Ultra Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BYT53A VISHAY-BYT53A_V01 Datasheet
136Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_V01 Datasheet
134Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com