Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLD03N06CLESM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # RLD03N06CLESM
Description  0.3A, 60V, ESD Rated, Current Limited, Voltage Clamped Logic Level N-Channel Enhancement-Mode Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RLD03N06CLESM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RLD03N06CLESM Datasheet HTML 1Page - Fairchild Semiconductor RLD03N06CLESM Datasheet HTML 2Page - Fairchild Semiconductor RLD03N06CLESM Datasheet HTML 3Page - Fairchild Semiconductor RLD03N06CLESM Datasheet HTML 4Page - Fairchild Semiconductor RLD03N06CLESM Datasheet HTML 5Page - Fairchild Semiconductor RLD03N06CLESM Datasheet HTML 6Page - Fairchild Semiconductor RLD03N06CLESM Datasheet HTML 7Page - Fairchild Semiconductor RLD03N06CLESM Datasheet HTML 8Page - Fairchild Semiconductor RLD03N06CLESM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
RLD03N06CLE, RLD03N06CLESM, RLP03N06CLE
Test Circuit and Waveform
FIGURE 13. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 14. RESISTIVE SWITCHING WAVEFORMS
VDD
VDS
VGS
0V
RGS
DUT
RL
tON
tD(ON)
tR
90%
10%
VDS
90%
10%
tF
tD(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
Detailed Description
Temperature Dependence of Current Limiting and
Switching Speed Performance
The RLD03N06CLE, RLD03N06CLESM and RLP03N06CLE
are a monolithic power device which incorporates a Logic Level
power MOSFET transistor with a current sensing scheme and
control circuitry to enable the device to self limit the drain
source current flow. The current sensing scheme supplies cur-
rent to a resistor that is connected across the base to emitter of
a bipolar transistor in the control section. The collector of this
bipolar transistor is connected to the gate of the power MOS-
FET transistor. When the ratiometric current from the current
sensing reaches the value required to forward bias the base
emitter junction of this bipolar transistor, the bipolar “turns on”.
A resistor is incorporated in series with the gate of the power
MOSFET transistor allowing the bipolar transistor to adjust the
drive on the gate of the power MOSFET transistor to a voltage
which then maintains a constant current in the power MOSFET
transistor. Since both the ratiometric current sensing scheme
and the base emitter unction voltage of the bipolar transistor
vary with temperature, the current at which the device limits is a
function of temperature. This dependence is shown in Figure 3.
The resistor in series with the gate of the power MOSFET
transistor also results in much slower switching performance
than in standard power MOSFET transistors. This is an
advantage where fast switching can cause EMI or RFI. The
switching speed is very predictable.
DC Operation
The limit on the drain to source voltage for operation in cur-
rent limiting on a steady state (DC) basis is shown in the
equation below. The dissipation in the device is simply the
applied drain to source voltage multiplied by the limiting cur-
rent. This device, like most power MOSFET devices today, is
limited to 175oC. The maximum voltage allowable can,
therefore, be expressed as shown in Equation 1:
(EQ. 1)
The results of this equation are plotted in Figure 15 for vari-
ous heatsinks.
V
DS
150
°CT
A MBIENT
()
I
LM
RθJC RθJA
+
()
-------------------------------------------------------
=
Duty Cycle Operation
In many applications either the drain to source voltage or the
gate drive is not available 100% of the time. The copper
header on which the RLD03N06CLE, RLD03N06CLESM
and RLP03N06CLE is mounted has a very large thermal
storage capability, so for pulse widths of less then 1ms, the
temperature of the header can be considered a constant,
thereby the junction temperature can be calculated simply as
shown in Equation 2:
(EQ. 2)
Generally the heat storage capability of the silicon chip in a
power transistor is ignored for duty cycle calculations. Mak-
ing this assumption, limiting junction temperature to 175oC
and using the TC calculated in Equation 2, the expression for
maximum VDS under duty cycle operation is shown in Equa-
tion 3:
(EQ. 3)
These values are plotted as Figures 16 through 21 for vari-
ous heatsink thermal resistances.
Limited Time Operations
Protection for a limited period of time is sufficient for many
applications. As stated above the heat storage in the silicon
chip can usually be ignored for computations of over 10 ms,
thereby the thermal equivalent circuit reduces to a simple
enough circuit to allow easy computation on the limiting con-
ditions. The variation in limiting current with temperature
complicates the calculation of junction temperature, but a
simple straight line approximation of the variation is accurate
enough to allow meaningful computations. The curves
shown as Figures 22 through 25 (RLP03N06CLE) and Fig-
ure 26 through 29 (RLD03N06CLE and RLD03N06CLESM)
give an accurate indication of how long the specified voltage
can be applied to the device in the current limiting mode
without exceeding the maximum specified 175oC junction
temperature. In practice this tells you how long you have to
alleviate the condition causing the current limiting to occur.
T
C
V
DS
I
D
D
RθCA
() T
A MBIENT
+
=
V
DS
150 C
T
C
o
I
LM
DRθJC
------------------------------------------
=


Similar Part No. - RLD03N06CLESM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RLD03N06CLESM INTERSIL-RLD03N06CLESM Datasheet
93Kb / 9P
   0.3A, 60V, 6 Ohm, ESD Rated, Current Limited, Voltage Clamped, Logic Level N-Channel Power MOSFETs
More results

Similar Description - RLD03N06CLESM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RLD03N06CLE INTERSIL-RLD03N06CLE Datasheet
93Kb / 9P
   0.3A, 60V, 6 Ohm, ESD Rated, Current Limited, Voltage Clamped, Logic Level N-Channel Power MOSFETs
logo
Harris Corporation
RFP30N06LE HARRIS-RFP30N06LE Datasheet
91Kb / 6P
   30A, 60V, ESD Rated, Avalanche Rated, Logic Level N-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RFP30N06LE INTERSIL-RFP30N06LE Datasheet
80Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP30N06LE FAIRCHILD-RFP30N06LE Datasheet
188Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
   15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N03L FAIRCHILD-RFD16N03L Datasheet
130Kb / 7P
   16A, 30V, Avalanche Rated N-Channel Logic Level Enhancement-Mode Power MOSFETs
RFG70N06 FAIRCHILD-RFG70N06 Datasheet
90Kb / 6P
   70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
RFG45N06 FAIRCHILD-RFG45N06 Datasheet
82Kb / 6P
   45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RFT3055LE INTERSIL-RFT3055LE Datasheet
96Kb / 10P
   2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET
logo
Harris Corporation
RFD3055 HARRIS-RFD3055 Datasheet
118Kb / 8P
   12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com