Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7986BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7986BCPZ
Description  18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7986BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD7986BCPZ Datasheet HTML 1Page - Analog Devices AD7986BCPZ Datasheet HTML 2Page - Analog Devices AD7986BCPZ Datasheet HTML 3Page - Analog Devices AD7986BCPZ Datasheet HTML 4Page - Analog Devices AD7986BCPZ Datasheet HTML 5Page - Analog Devices AD7986BCPZ Datasheet HTML 6Page - Analog Devices AD7986BCPZ Datasheet HTML 7Page - Analog Devices AD7986BCPZ Datasheet HTML 8Page - Analog Devices AD7986BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
18-Bit, 2 MSPS PulSAR
15 mW ADC in LFCSP (QFN)
AD7986
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009–2011 Analog Devices, Inc. All rights reserved.
FEATURES
18-bit resolution with no missing codes
Throughput: 2 MSPS (TURBO = high), 1.5 MSPS (TURBO = low)
Low power dissipation
15 mW at 2 MSPS, with external reference
26 mW at 2 MSPS with internal reference
INL: ±1 LSB typical, ±2.5 LSB maximum
SNR
95.5 dB, with on-chip reference
97.0 dB, with external reference
4.096 V internal reference: typical drift of 10 ppm/°C
True differential analog input voltage range: ±VREF
0 V to VREF with VREF up to 5.0 V
Allows use of any input range
No pipeline delay
Logic interface: 1.8 V/2.5 V/2.7 V
Serial interface: SPI/QSPI™/MICROWIRE™/DSP compatible
Ability to daisy-chain multiple ADCs with busy indicator
20-lead 4 mm × 4 mm LFCSP (QFN)
APPLICATIONS
Battery-powered equipment
Data acquisition systems
Medical instruments
Seismic data acquisition systems
APPLICATION DIAGRAM
2.7nF
15Ω
V–
0V
TO
VREF
NOTES
1. GND REFERS TO REFGND, AGND, AND DGND.
V+
2.7nF
15Ω
V–
V+
IN–
AD7986
IN+
REF
AVDD,
DVDD
VIO
BVDD
5V
2.5V
1.8V
TO
2.7V
VIO
SDI
SCK
SDO
CNV
3- OR 4-WIRE
INTERFACE:
SPI, CS
DAISY CHAIN
(TURBO = LOW)
TURBO
10µF
VREF
TO
0V
GND1
Figure 1.
GENERAL DESCRIPTION
The AD7986 is an 18-bit, 2 MSPS successive approximation,
analog-to-digital converter (ADC). It contains a low power,
high speed, 18-bit sampling ADC, an internal conversion clock,
an internal reference (and buffer), error correction circuits, and
a versatile serial interface port. On the rising edge of CNV, the
AD7986 samples the voltage difference between the IN+ and
IN− pins. The voltages on these pins usually swing in opposite
phases between 0 V and VREF. It features a very high sampling
rate turbo mode (TURBO = high) and a reduced power normal
mode (TURBO = low) for low power applications where the
power is scaled with the throughput.
In normal mode (TURBO = low), the SPI-compatible serial
interface also features the ability, using the SDI input, to daisy-
chain several ADCs on a single 3-wire bus and provide an
optional busy indicator. It is compatible with 1.8 V, 2.5 V, and 2.7 V
using the separate VIO supply.
The AD7986 is available in a 20-lead LFCSP (QFN) with
operation specified from −40°C to +85°C.
Table 1. MSOP, LFCSP (QFN) 14-/16-/18-Bit PulSAR® ADCs
Type
100 kSPS
250 kSPS
400 kSPS to 500 kSPS
≥1000 kSPS
ADC Driver
14-Bit
AD7940
AD79421
AD79461
16-Bit
AD7680
AD76851
AD76861
AD79801
ADA4941-1
AD7683
AD76871
AD76881
AD79831
ADA4841-x
AD7684
AD7694
AD76931
18-Bit
AD76911
AD76901
AD79821
ADA4941-1
AD79841
ADA4841-x
AD7986
AD8021
1 Pin-for-pin compatible.


Similar Part No. - AD7986BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7986BCPZ AD-AD7986BCPZ Datasheet
621Kb / 29P
   15 mW ADC in LFCSP
AD7986BCPZ-RL7 AD-AD7986BCPZ-RL7 Datasheet
621Kb / 29P
   15 mW ADC in LFCSP
More results

Similar Description - AD7986BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
   18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
AD7984 AD-AD7984 Datasheet
722Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
REV. 0
AD7982BRMZRL7 AD-AD7982BRMZRL7 Datasheet
570Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. B
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com