Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-581 Datasheet(PDF) 8 Page - Analog Devices

Part # AN-581
Description  Quad 150 MHz Rail-to-Rail Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AN-581 Datasheet(HTML) 8 Page - Analog Devices

Back Button AN-581 Datasheet HTML 4Page - Analog Devices AN-581 Datasheet HTML 5Page - Analog Devices AN-581 Datasheet HTML 6Page - Analog Devices AN-581 Datasheet HTML 7Page - Analog Devices AN-581 Datasheet HTML 8Page - Analog Devices AN-581 Datasheet HTML 9Page - Analog Devices AN-581 Datasheet HTML 10Page - Analog Devices AN-581 Datasheet HTML 11Page - Analog Devices AN-581 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AD8044
REV. B
–7–
FREQUENCY (Hz)
300
10
100
1k
10k
100k
1M
10M
100
10
3
1
30
Figure 10. Input Voltage Noise vs. Frequency
FUNDAMENTAL FREQUENCY (MHz)
–30
–80
–100
–40
–50
–60
–70
–90
110
8
56
7
9
23
4
VS = +3V,
RL = 100
AV = –1
VS = +5V,
RL = 100
AV = +1
VS = +5V,
RL = 100
AV = +2
VS = +5V,
RL = 1k
AV = +1
VS = +5V,
RL = 1k
AV = +2
VO = 2V p-p
Figure 11. Total Harmonic Distortion
OUTPUT VOLTAGE (V p-p)
0
5
0.5
1
1.5
2
2.5
3
3.5
4
4.5
–30
–40
–120
–80
–90
–100
–110
–60
–70
–50
–130
–140
VS = +5V
RL = 2k TO 2.5V
G = +2
1MHz
5MHz
10MHz
Figure 12. Worst Harmonic vs. Output Voltage
0
100
10
20
30
40
50
60
70
80
90
–0.04
0.00
–0.02
0.02
0.01
–0.01
–0.03
0.03
VS = +5V
G = +2
RL = 150
–0.15
0.05
–0.05
0.15
0.10
0.00
–0.10
0.20
–0.20
MODULATING RAMP LEVEL (IRE)
VS = +5V
G = +2
RL = 150
0
100
10
20
30
40
50
60
70
80
90
Figure 13. Differential Gain and Phase Errors
0.3
–0.1
–0.6
0.2
0.1
0.0
–0.2
–0.3
–0.4
–0.5
1M
100M
10M
VS = +5V
RF = 200
RL = 150 TO 2.5V
G = +2
Vi = 0.2V p-p
11.6MHz
FREQUENCY (Hz)
Figure 14. 0.1 dB Gain Flatness
80
40
–10
70
60
50
30
20
10
0
–20
30k
100k
1M
10M
100M
GAIN
PHASE
80MHz
FREQUENCY (Hz)
VS = +5V
RL = 2k
CL = 5pF
180
135
90
45
0
Figure 15. Open-Loop Gain and Phase Margin
vs. Frequency


Similar Part No. - AN-581

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-581 AD-AN-581 Datasheet
631Kb / 21P
   Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
More results

Similar Description - AN-581

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8044 AD-AD8044_15 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14 AD-AD8044AR-14 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044_04 Datasheet
450Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044 Datasheet
199Kb / 14P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044ANZ AD-AD8044ANZ Datasheet
483Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com