Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-581 Datasheet(PDF) 1 Page - Analog Devices

Part # AN-581
Description  Quad 150 MHz Rail-to-Rail Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AN-581 Datasheet(HTML) 1 Page - Analog Devices

  AN-581 Datasheet HTML 1Page - Analog Devices AN-581 Datasheet HTML 2Page - Analog Devices AN-581 Datasheet HTML 3Page - Analog Devices AN-581 Datasheet HTML 4Page - Analog Devices AN-581 Datasheet HTML 5Page - Analog Devices AN-581 Datasheet HTML 6Page - Analog Devices AN-581 Datasheet HTML 7Page - Analog Devices AN-581 Datasheet HTML 8Page - Analog Devices AN-581 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CONNECTION DIAGRAM
14-Lead Plastic DIP and SOIC
1
2
3
4
5
6
7
14
8
9
10
11
12
13
V+
–IN B
+IN B
OUT B
OUT D
–IN D
+IN D
V–
–IN C
+IN C
OUT C
AD8044
TOP VIEW
–IN A
+IN A
OUT A
a
Quad 150 MHz
Rail-to-Rail Amplifier
AD8044
FEATURES
Single AD8041 and Dual AD8042 Also Available
Fully Specified at +3 V, +5 V, and
5 V Supplies
Output Swings to Within 25 mV of Either Rail
Input Voltage Range Extends 200 mV Below Ground
No Phase Reversal with Inputs 1 V Beyond Supplies
Low Power of 2.75 mA/Amplifier
High Speed and Fast Settling on +5 V
150 MHz –3 dB Bandwidth (G = +1)
170 V/ s Slew Rate
40 ns Settling Time to 0.1%
Good Video Specifications (RL = 150
, G = +2)
Gain Flatness of 0.1 dB to 12 MHz
0.06% Differential Gain Error
0.15 Differential Phase Error
Low Distortion
–68 dBc Total Harmonic @ 5 MHz
Outstanding Load Drive Capability
Drives 30 mA 0.5 V from Supply Rails
APPLICATIONS
Active Filters
Video Switchers
Distribution Amplifiers
A/D Driver
Professional Cameras
CCD Imaging Systems
Ultrasound Equipment (Multichannel)
PRODUCT DESCRIPTION
The AD8044 is a quad, low power, voltage feedback, high
speed amplifier designed to operate on +3 V, +5 V, or
±5 V
supplies. It has true single-supply capability with an input volt-
age range extending 200 mV below the negative rail and within
1V of the positive rail.
5V
2.5V
0V
2 s
1V
VS = +5V
Figure 1. Output Swing: Gain = –1, RL = 2 k
W
The output voltage swing extends to within 25 mV of each rail,
providing the maximum output dynamic range. Additionally, it
features gain flatness of 0.1 dB to 12 MHz, while offering differ-
ential gain and phase error of 0.04% and 0.22
∞ on a single +5 V
supply. This makes the AD8044 useful for video electronics,
such as cameras, video switchers, or any high speed portable
equipment. The AD8044’s low distortion and fast settling make
it ideal for active filter applications.
The AD8044 offers low power supply current of 13.1 mA max
and can run on a single +3.3 V power supply. These features are
ideally suited for portable and battery-powered applications
where size and power are critical.
The wide bandwidth of 150 MHz, along with 170 V/
ms of slew
rate on a single +5 V supply, make the AD8044 useful in many
general-purpose, high speed applications where dual power
supplies of up to
±6 V and single supplies from +3 V to +12 V
are needed. The AD8044 is available in 14-lead PDIP and
SOIC.
1M
10M
100M
FREQUENCY (Hz)
15
12
9
6
3
0
–3
–6
–9
VS = +5V
G = +1
–12
18
100k
Figure 2. Frequency Response: Gain = +1, VS = +5 V
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.


Similar Part No. - AN-581

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-581 AD-AN-581 Datasheet
631Kb / 21P
   Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
More results

Similar Description - AN-581

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8044 AD-AD8044_15 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14 AD-AD8044AR-14 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044_04 Datasheet
450Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044 Datasheet
199Kb / 14P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044ANZ AD-AD8044ANZ Datasheet
483Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com