Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS02C10K00FE127 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RS02C10K00FE127
Description  Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS02C10K00FE127 Datasheet(HTML) 1 Page - Vishay Siliconix

  RS02C10K00FE127 Datasheet HTML 1Page - Vishay Siliconix RS02C10K00FE127 Datasheet HTML 2Page - Vishay Siliconix RS02C10K00FE127 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RS, NS
www.vishay.com
Vishay Dale
Revision: 23-May-13
1
Document Number: 30204
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Industrial, Precision Power,
Silicone Coated, Axial Lead
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
FEATURES
• High temperature coating (> 350 °C)
• Complete welded construction
• Meets applicable requirements of MIL-PRF-26
• Available in non-inductive styles (type NS)
with Ayrton-Perry winding for lowest reactive
components
• Excellent
stability
in
operation
(typical
resistance shift < 0.5 %)
• MIL-PRF-26 qualified, type RW resistors can
be found at: www.vishay.com/doc?30281
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
Notes
• Models not available as lead (Pb)-free: RS01A...300, RS02B...300, RS02C...23, RS005...69, RS005...70, RS010...38, RS010...39
• Shaded area indicates most popular models
(1) Vishay Dale RS models have two power ratings depending on operation temperature and stability requirements. Models not available for
characteristic V are: RS1/4, RS1/2, RS01A, RS01A…300, RS01M, RS02M, RS02B…300, RS005…69, and RS010…38
Available
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HIST.
MODEL
POWER
RATING (1)
P25 °C W
U ± 0.05 %
to ± 5 %
POWER
RATING (1)
P25 °C W
V ± 3 %
to ± 10 %
RESISTANCE
RANGE
RESISTANCE
RANGE
RESISTANCE
RANGE
RESISTANCE
RANGE
RESISTANCE
RANGE
WEIGHT
(typical)
g
± 0.05 %
± 0.1 %
± 0.25 %
± 0.5 %,
± 1 %
± 3 %, ± 5 %,
± 10 %
RS1/4
RS-1/4
0.4
-
1 to 1K
0.499 to 1K
0.499 to 3.4K
0.1 to 3.4K
0.1 to 3.4K
0.21
RS1/2
RS-1/2
0.75
-
1 to 1.3K
0.499 to 1.3K 0.499 to 4.9K
0.1 to 4.9K
0.1 to 4.9K
0.23
RS01A
RS-1A
1.0
-
1 to 2.74K
0.499 to 2.74K 0.499 to 10.4K
0.1 to 10.4K
0.1 to 10.4K
0.34
RS01A...300 RS-1A-300
1.0
-
-
0.499 to 2.74K 0.499 to 10.4K
0.1 to 10.4K
-
0.34
RS01M
RS-1M
1.0
-
1 to 1.32K
0.499 to 1.67K 0.499 to 6.85K
0.1 to 6.85K
0.1 to 6.85K
0.30
RS002
RS-2
4.0
5.5
0.499 to 12.7K 0.499 to 12.7K
0.1 to 47.1K
0.1 to 47.1K
0.1 to 47.1K
2.10
RS02M
RS-2M
3.0
-
0.499 to 4.49K 0.499 to 4.49K 0.1 to 18.74K 0.1 to 18.74K 0.1 to 18.74K
0.65
RS02B
RS-2B
3.0
3.75
0.499 to 6.5K 0.499 to 6.5K
0.1 to 24.5K
0.1 to 24.5K
0.1 to 24.5K
0.70
RS02B...300 RS-2B-300
3.0
-
-
0.499 to 6.5K
0.1 to 24.5K
0.1 to 24.5K
-
0.70
RS02C
RS-2C
2.5
3.25
0.499 to 8.6K 0.499 to 8.6K
0.1 to 32.3K
0.1 to 32.3K
0.1 to 32.3K
1.6
RS02C...17
RS-2C-17
2.5
3.25
0.499 to 8.6K 0.499 to 8.6K
0.1 to 32.3K
0.1 to 32.3K
0.1 to 32.3K
1.6
RS02C...23
RS-2C-23
-
3.25
-
-
-
-
0.1 to 32.3K
1.6
RS005
RS-5
5.0
6.5
0.499 to 25.7K 0.499 to 25.7K
0.1 to 95.2K
0.1 to 95.2K
0.1 to 95.2K
4.2
RS005...69
RS-5-69
5.0
-
-
0.499 to 25.7K
0.1 to 95.2K
0.1 to 95.2K
0.1 to 95.2K
4.2
RS005...70
RS-5-70
-
6.5
-
-
-
-
0.1 to 95.2K
4.2
RS007
RS-7
7.0
9.0
0.499 to 41.4K 0.499 to 41.4K
0.1 to 154K
0.1 to 154K
0.1 to 154K
4.7
RS010
RS-10
10.0
13.0
0.499 to 73.4K
0.499 to 73.4K
0.1 to 273K
0.1 to 273K
0.1 to 273K
9.0
RS010...38
RS-10-38
10.0
-
-
0.499 to 73.4K
0.1 to 273K
0.1 to 273K
0.1 to 273K
9.0
RS010...39
RS-10-39
-
13.0
-
-
-
-
0.1 to 273K
9.0
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: RS02C10K00FS7017
GLOBAL MODEL
(5 digits)
RESISTANCE VALUE
(5 digits)
TOLERANCE CODE
(1 digit)
PACKAGING
(3 digits)
SPECIAL
(up to 3 digits)
(See Standard
Electrical
Specifications
Global Model
column for options)
R = Decimal
K = Thousand
15R00 = 15
10K00 = 10 k
A = 0.05 %
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1.0 %
H = 3.0 %
J = 5.0 %
K = 10.0 %
E70 = Lead (Pb)-free, tape/reel (smaller than RS005)
E73 = Lead (Pb)-free, tape/reel (RS005 and larger)
E12 = Lead (Pb)-free, bulk
(Dash Number)
From 1 to 999
as applicable
S70 = Tin/lead, tape/reel (smaller than RS005)
S73 = Tin/lead, tape/reel (RS005 and larger)
B12 = Tin/lead, bulk
Historical Part Numbering example: RS-2C-17 10 k
 1 % S70
RS-2C-17
10 k
1 %
S70
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
S0
2
C
1
0
K
0
0
R
F
S
701
7


Similar Part No. - RS02C10K00FE127

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS02C10K00FE12 VISHAY-RS02C10K00FE12 Datasheet
286Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision 22-Mar-06
RS02C10K00FE1217 VISHAY-RS02C10K00FE1217 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
More results

Similar Description - RS02C10K00FE127

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS02C1R000BB12 VISHAY-RS02C1R000BB12 Datasheet
199Kb / 4P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 09-Jan-12
RSNS VISHAY-RSNS Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
RS121R000BB12 VISHAY-RS121R000BB12 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
NS02BR5000FE12 VISHAY-NS02BR5000FE12 Datasheet
189Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 18-Feb-16
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
ALSR0118R00FE12 VISHAY-ALSR0118R00FE12 Datasheet
79Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 24-Feb-12
MRB VISHAY-MRB Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
AST VISHAY-AST Datasheet
118Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com