Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBS206S17R Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XBS206S17R
Description  Schottky Barrier Diode, 2A, 60V Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XBS206S17R Datasheet(HTML) 3 Page - Torex Semiconductor

  XBS206S17R Datasheet HTML 1Page - Torex Semiconductor XBS206S17R Datasheet HTML 2Page - Torex Semiconductor XBS206S17R Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
XBS206S17R-G
1.
The products and product specifications contained herein are subject to change without
notice to improve performance characteristics.
Consult us, or our representatives
before use, to confirm that the information in this datasheet is up to date.
2.
We assume no responsibility for any infringement of patents, patent rights, or other
rights arising from the use of any information and circuitry in this datasheet.
3.
Please ensure suitable shipping controls (including fail-safe designs and aging
protection) are in force for equipment employing products listed in this datasheet.
4.
The products in this datasheet are not developed, designed, or approved for use with
such equipment whose failure of malfunction can be reasonably expected to directly
endanger the life of, or cause significant injury to, the user.
(e.g. Atomic energy; aerospace; transport; combustion and associated safety
equipment thereof.)
5.
Please use the products listed in this datasheet within the specified ranges.
Should you wish to use the products under conditions exceeding the specifications,
please consult us or our representatives.
6.
We assume no responsibility for damage or loss due to abnormal use.
7.
All rights reserved. No part of this datasheet may be copied or reproduced without the
prior permission of TOREX SEMICONDUCTOR LTD.


Similar Part No. - XBS206S17R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS206S17R TOREX-XBS206S17R Datasheet
77Kb / 3P
   Schottky Barrier Diode, 2A, 60V Type
XBS206S17R-G TOREX-XBS206S17R-G Datasheet
100Kb / 3P
   Schottky Barrier Diode, 2A, 60V Type
More results

Similar Description - XBS206S17R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS206S17-12 TOREX-XBS206S17-12 Datasheet
100Kb / 3P
   Schottky Barrier Diode, 2A, 60V Type
XBS206S17 TOREX-XBS206S17 Datasheet
77Kb / 3P
   Schottky Barrier Diode, 2A, 60V Type
XBS206S17R-G TOREX-XBS206S17R-G Datasheet
100Kb / 3P
   Schottky Barrier Diode, 2A, 60V Type
XBS206S19R-G TOREX-XBS206S19R-G Datasheet
147Kb / 4P
   Schottky Barrier Diode, 2A, 60V Type
XBS203V17 TOREX-XBS203V17_12 Datasheet
103Kb / 3P
   Schottky Barrier Diode, 2A, 30V Type
XBS203V17-12 TOREX-XBS203V17-12 Datasheet
103Kb / 3P
   Schottky Barrier Diode, 2A, 30V Type
XBS204S17 TOREX-XBS204S17_12 Datasheet
100Kb / 3P
   Schottky Barrier Diode, 2A, 40V Type
XBS204S19R-G TOREX-XBS204S19R-G Datasheet
147Kb / 4P
   Schottky Barrier Diode, 2A, 40V Type
XBS203V19R-G TOREX-XBS203V19R-G Datasheet
109Kb / 4P
   Schottky Barrier Diode, 2A, 30V Type
XBS203V17R-G TOREX-XBS203V17R-G Datasheet
103Kb / 3P
   Schottky Barrier Diode, 2A, 30V Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com