Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8541ARZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8541ARZ-REEL7
Description  CMOS Rail-to-Rail General-Purpose ifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8541ARZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD8541ARZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8541ARZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8541ARZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8541ARZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8541ARZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8541ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8541ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8541ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8541ARZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8541/AD8542/AD8544
Rev. G | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = 2.7 V, VCM = 1.35 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
1
6
mV
−40°C ≤ TA ≤ +125°C
7
mV
Input Bias Current
IB
4
60
pA
−40°C ≤ TA ≤ +85°C
100
pA
−40°C ≤ TA ≤ +125°C
1000
pA
Input Offset Current
IOS
0.1
30
pA
−40°C ≤ TA ≤ +85°C
50
pA
−40°C ≤ TA ≤ +125°C
500
pA
Input Voltage Range
0
2.7
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.7 V
40
45
dB
−40°C ≤ TA ≤ +125°C
38
dB
Large Signal Voltage Gain
AVO
RL = 100 kΩ, VO = 0.5 V to 2.2 V
100
500
V/mV
−40°C ≤ TA ≤ +85°C
50
V/mV
−40°C ≤ TA ≤ +125°C
2
V/mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +125°C
4
μV/°C
Bias Current Drift
ΔIB/ΔT
−40°C ≤ TA ≤ +85°C
100
fA/°C
−40°C ≤ TA ≤ +125°C
2000
fA/°C
Offset Current Drift
ΔIOS/ΔT
−40°C ≤ TA ≤ +125°C
25
fA/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA
2.575
2.65
V
−40°C ≤ TA ≤ +125°C
2.550
V
Output Voltage Low
VOL
IL = 1 mA
35
100
mV
−40°C ≤ TA ≤ +125°C
125
mV
Output Current
IOUT
VOUT = VS − 1 V
15
mA
ISC
±20
mA
Closed-Loop Output Impedance
ZOUT
f = 200 kHz, AV = 1
50
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.5 V to 6 V
65
76
dB
−40°C ≤ TA ≤ +125°C
60
dB
Supply Current/Amplifier
ISY
VO = 0 V
38
55
μA
−40°C ≤ TA ≤ +125°C
75
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 kΩ
0.4
0.75
V/μs
Settling Time
tS
To 0.1% (1 V step)
5
μs
Gain Bandwidth Product
GBP
980
kHz
Phase Margin
ΦM
63
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
40
nV/√Hz
en
f = 10 kHz
38
nV/√Hz
Current Noise Density
in
<0.1
pA/√Hz


Similar Part No. - AD8541ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8541ARZ-REEL7 AD-AD8541ARZ-REEL7 Datasheet
430Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. E
AD8541ARZ-REEL7 AD-AD8541ARZ-REEL7 Datasheet
443Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
More results

Similar Description - AD8541ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8541 AD-AD8541 Datasheet
232Kb / 16P
   General Purpose CMOS Rail-to-Rail Amplifiers
REV. D
AD8542 AD-AD8542_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8541 AD-AD8541_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8541 AD-AD8541_07 Datasheet
430Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. E
AD8541 AD-AD8541_08 Datasheet
443Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8544 AD-AD8544_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
logo
TECH PUBLIC Electronics...
LMV321IDBVR TECHPUBLIC-LMV321IDBVR Datasheet
3Mb / 6P
   CMOS, Rail to Rail General-Purpose Amplifiers
2018.1.15
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
CLC1020 EXAR-CLC1020 Datasheet
2Mb / 14P
   General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com