Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4841-1 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4841-1
Description  Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-1 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4841-1 Datasheet HTML 2Page - Analog Devices ADA4841-1 Datasheet HTML 3Page - Analog Devices ADA4841-1 Datasheet HTML 4Page - Analog Devices ADA4841-1 Datasheet HTML 5Page - Analog Devices ADA4841-1 Datasheet HTML 6Page - Analog Devices ADA4841-1 Datasheet HTML 7Page - Analog Devices ADA4841-1 Datasheet HTML 8Page - Analog Devices ADA4841-1 Datasheet HTML 9Page - Analog Devices ADA4841-1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ADA4841-1/ADA4841-2
Rev. E | Page 5 of 20
TA = 25°C, VS = 3 V, RL = 1 kΩ, Gain =+1, VCM = 1.5 V, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VO = 0.02 V p-p
52
80
MHz
Slew Rate
G = +1, VO = 2 V step, RL = 1 kΩ
10
12
V/μs
Settling Time to 0.1%
G = +1, VO = 1 V step
120
ns
Settling Time to 0.01%
G = +1, VO = 1 V step
250
ns
NOISE/HARMONIC PERFORMANCE
Harmonic Distortion HD2/HD3
fC = 100 kHz, VO = 1 V p-p
−97/−100
dBc
fC = 1 MHz, VO = 1 V p-p
−79/−80
dBc
Input Voltage Noise
f = 100 kHz
2.1
nV/√Hz
Input Current Noise
f = 100 kHz
1.4
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
40
300
μV
Input Offset Voltage Drift
1
μV/°C
Input Bias Current
3
5.3
μA
Input Offset Current
0.1
0.5
μA
Open-Loop Gain
VO = 0.5 V to 2.5 V
101
123
dB
INPUT CHARACTERISTICS
Input Resistance, Common Mode
90
Input Resistance, Differential Mode
25
Input Capacitance, Common Mode
1
pF
Input Capacitance, Differential Mode
3
pF
Input Common-Mode Voltage Range
−0.1
+2
V
Common-Mode Rejection Ratio (CMRR)
VCM = Δ 0.4 V
86
115
dB
MATCHING CHARACTERISTICS (ADA4841-2)
Input Offset Voltage
70
μV
Input Bias Current
60
nA
POWER DOWN PIN (ADA4841-1)
POWER DOWN Voltage
Enabled
>1.6
POWER DOWN Voltage
Power down
<1.2
V
Input Current
Enable
POWER DOWN = 3 V
1
2
μA
Power Down
POWER DOWN = 0 V
−10
−30
μA
Switching Speed
Enable
1
μs
Power Down
40
μs
OUTPUT CHARACTERISTICS
Output Voltage Swing
G > +1
0.045 to 2.955
0.023 to 2.988
V
Output Current Limit
Sourcing, VIN = +VS, RL = 50 Ω to VCM
30
mA
Sinking, VIN = −VS, RL = 50 Ω to VCM
60
mA
Capacitive Load Drive
30% overshoot
30
pF
POWER SUPPLY
Operating Range
2.7
12
V
Quiescent Current/Amplifier
POWER DOWN = 3 V
1.1
1.3
mA
POWER DOWN = 0 V
25
60
μA
Positive Power Supply Rejection Ratio
+VS = +3 V to +4 V, −VS = 0 V
95
110
dB
Negative Power Supply Rejection Ratio
+VS = +3 V, −VS = 0 V to −1 V
96
120
dB


Similar Part No. - ADA4841-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4841-1 AD-ADA4841-1 Datasheet
588Kb / 20P
   Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier
REV. C
ADA4841-1 AD-ADA4841-1 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
ADA4841-1 AD-ADA4841-1 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
ADA4841-1 AD-ADA4841-1 Datasheet
490Kb / 24P
   Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
ADA4841-1 AD-ADA4841-1 Datasheet
667Kb / 20P
   Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
More results

Similar Description - ADA4841-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4841-1 AD-ADA4841-1_17 Datasheet
667Kb / 20P
   Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
ADA4841-2YRMZ AD-ADA4841-2YRMZ Datasheet
701Kb / 21P
   Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. E
ADA4841-2 AD-ADA4841-2_15 Datasheet
508Kb / 20P
   Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. F
ADA4841-1 AD-ADA4841-1_15 Datasheet
508Kb / 20P
   Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. F
ADA4841-1 AD-ADA4841-1 Datasheet
588Kb / 20P
   Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier
REV. C
logo
Linear Technology
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com