Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAS1000-1 Datasheet(PDF) 4 Page - Analog Devices

Part # ADAS1000-1
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-1 Datasheet(HTML) 4 Page - Analog Devices

  ADAS1000-1 Datasheet HTML 1Page - Analog Devices ADAS1000-1 Datasheet HTML 2Page - Analog Devices ADAS1000-1 Datasheet HTML 3Page - Analog Devices ADAS1000-1 Datasheet HTML 4Page - Analog Devices ADAS1000-1 Datasheet HTML 5Page - Analog Devices ADAS1000-1 Datasheet HTML 6Page - Analog Devices ADAS1000-1 Datasheet HTML 7Page - Analog Devices ADAS1000-1 Datasheet HTML 8Page - Analog Devices ADAS1000-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. A | Page 4 of 80
SPECIFICATIONS
AVDD = 3.3 V ± 5%, IOVDD = 1.65 V to 3.6 V, AGND = DGND = 0 V, REFIN tied to REFOUT, externally supplied crystal/clock =
8.192 MHz. Decoupling for reference and supplies as noted in the Power Supply, Grounding, and Decoupling Strategy section. TA =
−40°C to +85°C, unless otherwise noted. Typical specifications are mean values at TA = 25°C.
For specified performance, internal ADCVDD and DVDD linear regulators have been used. They may be supplied from external
regulators. ADCVDD = 1.8 V ± 5%, DVDD = 1.8 V ± 5%.
Front-end gain settings: GAIN 0 = ×1.4, GAIN 1 = ×2.1, GAIN 2 = ×2.8, GAIN 3 = ×4.2.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ECG CHANNEL
These specifications apply to the following pins:
ECG1_LA, ECG2_LL, ECG3_RA, ECG4_V1, ECG5_V2,
CM_IN (CE mode), EXT_RESP_xx pins when used in
extend switch mode
Electrode Input Range
Independent of supply
0.3
1.3
2.3
V
GAIN 0 (gain setting ×1.4)
0.63
1.3
1.97
V
GAIN 1 (gain setting ×2.1)
0.8
1.3
1.8
V
GAIN 2 (gain setting ×2.8)
0.97
1.3
1.63
V
GAIN 3 (gain setting ×4.2)
Input Bias Current
−40
±1
+40
nA
Relates to each electrode input; over operating range;
dc and ac lead-off are disabled
−200
+200
nA
AGND to AVDD
Input Offset
−7
mV
Electrode/vector mode with VCM = VCM_REF
GAIN 3
−7
mV
GAIN 2
−15
mV
GAIN 1
−22
mV
GAIN 0
Input Offset Tempco1
±2
μV/°C
Input Amplifier Input
Impedance2
1||10
GΩ||pF
At 10 Hz
CMRR2
105
110
dB
51 kΩ imbalance, 60 Hz with ±300 mV differential dc
offset; per AAMI/IEC standards; with driven leg loop
closed
Crosstalk1
80
dB
Between channels
Resolution2
19
Bits
Electrode/vector mode, 2 kHz data rate, 24-bit data-word
18
Bits
Electrode/vector mode, 16 kHz data rate, 24-bit data-
word
16
Bits
Electrode/analog lead mode, 128 kHz data rate, 16-bit
data-word
Integral Nonlinearity Error
30
ppm
GAIN 0; all data rates
Differential Nonlinearity Error
5
ppm
GAIN 0
Gain2
Referred to input. (2 × VREF)/Gain/(2N − 1). Applies
after factory calibration. User calibration adjusts this
number.
GAIN 0 (×1.4)
4.9
µV/LSB
At 19-bit level in 2 kHz data rate
9.81
μV/LSB
At 18-bit level in 16 kHz data rate
39.24
μV/LSB
At 16-bit level in 128 kHz data rate
GAIN 1 (×2.1)
3.27
μV/LSB
At 19-bit level in 2 kHz data rate
6.54
μV/LSB
At 18-bit level in 16 kHz data rate
26.15
μV/LSB
At 16-bit level in 128 kHz data rate
GAIN 2 (×2.8)
2.45
μV/LSB
At 19-bit level in 2 kHz data rate
4.9
μV/LSB
At 18-bit level in 16 kHz data rate
19.62
μV/LSB
At 16-bit level in 128 kHz data rate
GAIN 3 (×4.2)
1.63
μV/LSB
No factory calibration for this gain setting
At 19-bit level in 2 kHz data rate
3.27
μV/LSB
At 18-bit level in 16 kHz data rate
13.08
μV/LSB
At 16-bit level in 128 kHz data rate


Similar Part No. - ADAS1000-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAS1000-1BCPZ AD-ADAS1000-1BCPZ Datasheet
1Mb / 80P
   Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
ADAS1000-1BCPZ-RL AD-ADAS1000-1BCPZ-RL Datasheet
1Mb / 80P
   Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
More results

Similar Description - ADAS1000-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAS1000 AD-ADAS1000_17 Datasheet
1Mb / 80P
   Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
ADAS1000 AD-ADAS1000 Datasheet
131Kb / 3P
   Low Power, 5-Electrode Electrocardiogram (ECG) Analog Front End
Rev. Pr.D
ADAS1000-3 AD-ADAS1000-3 Datasheet
1Mb / 80P
   Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com