Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF37 Datasheet(PDF) 3 Page - Formosa MS

Part # SF37
Description  3.0A Axial Leaded Super Fast Rectifiers-50-600V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF37 Datasheet(HTML) 3 Page - Formosa MS

  SF37 Datasheet HTML 1Page - Formosa MS SF37 Datasheet HTML 2Page - Formosa MS SF37 Datasheet HTML 3Page - Formosa MS SF37 Datasheet HTML 4Page - Formosa MS SF37 Datasheet HTML 5Page - Formosa MS SF37 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
01235
678
9
7778
9
8
9

6
!"
#$
%&0'()*+,+*-+
!"
.$%+-%'*'/%0(!*(1(20*+,+*-+*+'3,+*&%1+'4(*('%+*-%'
'4(*('%+*-%'-
!"
5$
%&0'()3*6(*0'/**+2%
!"
:$
%&0'();/2'%32'(0('%(2'+
*+,+*-+,3)%(!+7
8
,9
?"
@
."
?
."
@
5"
?
5"
@
5"
?
.A@
.@?
.5@
.??
A@
@?
5@
?
8
B9
8
B9
5@,CD
8
1<<E
FG"
9
89
89
.?
23220/'%,+
@?
23220/'%,+
H
H
0/)-+
!+2+*(%3*
8
23%+59
3-'))-'30+
8
23%+.9
.
232$
20/'%,+
H
23%+-I."*J
K3%J
L3MANKL1G"
7N<>OL<3C1ND3M.L32FPL"
55<"
5"*J
K3%J
L3M.?NKL1G"
7-F>E
D3L<3C1ND3M@?FPLK"
B?"
@(
?
$
?"
5@(
$
."
?(
Q
Q
Q
Q
Q
Q
Q
Q
.DL
-+%%1+R(-+3*
@?S.?NKSDL
O
E
E
"
?.
"
?@ "
.
"
@
.
@
.?
@? .??
0"
/"
%"
-J
N2T
30P1K3
41T
U61V3:?4W
*3KJ
KO
J
V33ENC>DO
J
V3)F1C
?"
5A@X8
Y"
@LL9)31C)3N2O
P
0+*(%2!'/*,+
5@
?
@?
A@
.??
.5@
2/1R+*3'&')+-(%:?4W
.
.?
@
@?
.??
%M5@'
;
Z"
5LK-J
N2T
341T
U
-J
N361V3
;+0+'L3O
PFC
?
?
5@
@?
A@
.??
.5@
.@?
.A@
(1R+2%%+10+*(%/*+7
8'9
[
0+*'+2%3*(%+00+(=*+,+*-+,3)%(!+7
8
\9
!"
@$
1(]1/1232$
*+0+%%,+3*6(*0
-/*!+'/**+2%
!"
5$
%&0'()3*6(*0
'4(*('%+*-%'-
3*6(*0,3)%(!+7
8
,9
0FD>L3NO0
KK>3C01O
3
*3VJ
K3C01O
3 *3VJ
KJ
FN
0123"
PO
O
<I
S
S
^^^"
U
FELFK1LK"
DFLS
%+)I
ZZ:$5$55:Y:::.
(]I
ZZ:$5$55:Y:.#.
0-$555#?Z
5??ZS
?5S
.?
5?.5S
?#S
?@
0
:
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SF37

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF37 MOSPEC-SF37 Datasheet
131Kb / 2P
   POWER RECTIFIERS(3.0A,500-1000V)
logo
UNIOHM CORPORATION
SF37 UNIOHM-SF37 Datasheet
70Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
SUNMATE electronic Co.,...
SF37 SUNMATE-SF37 Datasheet
135Kb / 2P
   3.0A Axial Leaded Super Fast Rectifier Diodes
logo
Won-Top Electronics
SF37 WTE-SF37 Datasheet
47Kb / 3P
   3.0A SUPER-FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
SF37 MIC-SF37 Datasheet
55Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF37

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
31DF4 SUNMATE-31DF4 Datasheet
162Kb / 2P
   3.0A Axial Leaded Super- Fast Rectifiers
31DF1 SUNMATE-31DF1 Datasheet
117Kb / 2P
   3.0A Axial Leaded Super Fast Rectifiers
logo
Formosa MS
SF11 FORMOSA-SF11_13 Datasheet
164Kb / 6P
   1.0 Axial Leaded Super Fast Rectifiers-50-600V
SF21 FORMOSA-SF21_13 Datasheet
177Kb / 6P
   2.0A Axial Leaded Super Fast Rectifiers-50-600V
logo
SUNMATE electronic Co.,...
ER301 SUNMATE-ER301 Datasheet
264Kb / 2P
   3.0A Axial Leaded Super Fast Rectifier
logo
Formosa MS
SFM31 FORMOSA-SFM31_10 Datasheet
96Kb / 7P
   3.0A Surface Mount Super Fast Rectifiers-50-600V
SFM31-B FORMOSA-SFM31-B Datasheet
97Kb / 7P
   3.0A Surface Mount Super Fast Rectifiers-50-600V
logo
SUNMATE electronic Co.,...
SF31 SUNMATE-SF31 Datasheet
135Kb / 2P
   3.0A Axial Leaded Super Fast Rectifier Diodes
logo
Formosa MS
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF61G FORMOSA-SF61G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com