Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF38 Datasheet(PDF) 6 Page - Formosa MS

Part # SF38
Description  3.0A Axial Leaded Super Fast Rectifiers-50-600V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF38 Datasheet(HTML) 6 Page - Formosa MS

  SF38 Datasheet HTML 1Page - Formosa MS SF38 Datasheet HTML 2Page - Formosa MS SF38 Datasheet HTML 3Page - Formosa MS SF38 Datasheet HTML 4Page - Formosa MS SF38 Datasheet HTML 5Page - Formosa MS SF38 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
01235
67897 
3


31
3
3
31
3 3


0123
6
 !"6#
$
%&8'(
$
)$
(
$
*+*'*, - )$
(
$
*$
'
.

/0
1
1
222
3
41
1
5670
8859:9::5;555<
=>?0
8859:9::5;5<@<
<AB
343

13
:AB
341C
B


D
E0B
B53
@F3731
GH
2.53/341
433343F
1
5=4214I/341

7
3
3
J

34


3I/341

7
3
3
804343KL34
;53/341
43KDB

2
<M5.341BA.L
<<=4214A423
<:H


D
<EH
2.53/341
43A
41237
3
3
1:5MNG 3
4<MN:3

343CD

B
34<1
<5ON<1
E:O
1:@GNG 3
4G3
:
ML2
1P
1BB
31
43

3
4<M3
Q
:
ML223
2.1//B

3
31.B
31C3
2
14;MNG 3
4E

3RQ
SQ8MT 41
315Q<:G 3
4<58.4
1
313412343

3

3444315Q:G 3
4GMM.4
5 Q:GKRQ
I
1
30/2343
4G

3
3
1
30/2343
33
4G
R
13
33
4GMMDB
3
<G0 15Q<:< 3
4@.4
9GG 
U<:G 23B
B
33
4EM

1
413
34433
4G


1B<MDB
3
M 3
4G
4
3
<MM 3
4G


1B<MDB
3
8
E
2B
3.1B
3
39213/34
/3
41
3B
1R3423
15Q8G RHQ8GT 3
4<MMM.4
1<JG 3
4<MMM.4













K
K
K
K
K
K
K
K
K
K
K
=
I
=
I

V
>
>
=
I
A
W
>
>
I
X
79A59JGM
X65HI9:ME<
X
79A59:M:=
X65HI9:M8
X
79A59:M:=
X65HI9:<<>
X
79A59:M:=
X65HI9:<<>
X
79A59JGM
X65HI9<ME8
X
79A59JGM
X65HI9<M:J
X
79A59JGM
X65HI9<ME5
V6A::9><M:
X
79A59JGM
X65HI9<MG<
X
79A59JGM
X65HI9<MG5
X
79A59JGM
X65HI9@M559:
X
79A59JGM
X65HI9<M:<
X
79A59JGM
X65HI9<ME<


353
K



33
3433
A9:::@M8
:MM81
M:1
<M
:M<:1
M@1
MG

5
YZ[
\]_`\a`abcd`ef\ghi`jh
[
k
[
`eg
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SF38

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF38 MOSPEC-SF38 Datasheet
131Kb / 2P
   POWER RECTIFIERS(3.0A,500-1000V)
logo
Nanjing International G...
SF38 DGNJDZ-SF38 Datasheet
324Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
Chongqing Pingwei Enter...
SF38 CHONGQING-SF38 Datasheet
40Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
Guangdong Juxing Electr...
SF38 JUXING-SF38 Datasheet
707Kb / 2P
   Superfast Recovery Rectitiers
logo
Rugao Dachang Electroni...
SF38 DACHANG-SF38 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
More results

Similar Description - SF38

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
31DF4 SUNMATE-31DF4 Datasheet
162Kb / 2P
   3.0A Axial Leaded Super- Fast Rectifiers
31DF1 SUNMATE-31DF1 Datasheet
117Kb / 2P
   3.0A Axial Leaded Super Fast Rectifiers
logo
Formosa MS
SF11 FORMOSA-SF11_13 Datasheet
164Kb / 6P
   1.0 Axial Leaded Super Fast Rectifiers-50-600V
SF21 FORMOSA-SF21_13 Datasheet
177Kb / 6P
   2.0A Axial Leaded Super Fast Rectifiers-50-600V
logo
SUNMATE electronic Co.,...
ER301 SUNMATE-ER301 Datasheet
264Kb / 2P
   3.0A Axial Leaded Super Fast Rectifier
logo
Formosa MS
SFM31 FORMOSA-SFM31_10 Datasheet
96Kb / 7P
   3.0A Surface Mount Super Fast Rectifiers-50-600V
SFM31-B FORMOSA-SFM31-B Datasheet
97Kb / 7P
   3.0A Surface Mount Super Fast Rectifiers-50-600V
logo
SUNMATE electronic Co.,...
SF31 SUNMATE-SF31 Datasheet
135Kb / 2P
   3.0A Axial Leaded Super Fast Rectifier Diodes
logo
Formosa MS
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF61G FORMOSA-SF61G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com