Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURP3020 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # RURP3020
Description  30A, 200V Ultrafast Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RURP3020 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  RURP3020 Datasheet HTML 1Page - Fairchild Semiconductor RURP3020 Datasheet HTML 2Page - Fairchild Semiconductor RURP3020 Datasheet HTML 3Page - Fairchild Semiconductor RURP3020 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER
NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD
DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT
OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT
RIGHTS, NOR THE RIGHTS OF OTHERS.
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is
not intended to be an exhaustive list of all such trademarks.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, or (c) whose
failure to perform when properly used in accordance
with instructions for use provided in the labeling, can be
reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life
support device or system whose failure to perform can
be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Preliminary
No Identification Needed
Obsolete
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.
Formative or
In Design
First Production
Full Production
Not In Production
OPTOLOGIC™
OPTOPLANAR™
PACMAN™
POP™
Power247™
PowerTrench
QFET™
QS™
QT Optoelectronics™
Quiet Series™
SILENT SWITCHER
FAST
FASTr™
FRFET™
GlobalOptoisolator™
GTO™
HiSeC™
ISOPLANAR™
LittleFET™
MicroFET™
MicroPak™
MICROWIRE™
Rev. H4
®
ACEx™
Bottomless™
CoolFET™
CROSSVOLT™
DenseTrench™
DOME™
EcoSPARK™
E2CMOSTM
EnSignaTM
FACT™
FACT Quiet Series™
SMART START™
STAR*POWER™
Stealth™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TinyLogic™
TruTranslation™
UHC™
UltraFET
®
®
®
STAR*POWER is used under license
VCX™


Similar Part No. - RURP3020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURP3020 INTERSIL-RURP3020 Datasheet
33Kb / 3P
   30A, 200V Ultrafast Diode
More results

Similar Description - RURP3020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURP3020 INTERSIL-RURP3020 Datasheet
33Kb / 3P
   30A, 200V Ultrafast Diode
RURG3020 INTERSIL-RURG3020 Datasheet
64Kb / 6P
   30A, 200V Ultrafast Diode
RURG3020CC INTERSIL-RURG3020CC Datasheet
32Kb / 3P
   30A, 200V Ultrafast Dual Diode
logo
Fairchild Semiconductor
RURG3020CC FAIRCHILD-RURG3020CC Datasheet
338Kb / 4P
   30A, 200V Ultrafast Dual Diode
logo
Intersil Corporation
RURH3020CC INTERSIL-RURH3020CC Datasheet
33Kb / 3P
   30A, 200V Ultrafast Dual Diode
logo
Fairchild Semiconductor
RURP3060 FAIRCHILD-RURP3060 Datasheet
339Kb / 4P
   30A, 600V Ultrafast Diode
logo
Intersil Corporation
RURG30120 INTERSIL-RURG30120 Datasheet
31Kb / 3P
   30A, 1200V Ultrafast Diode
RURG3060 INTERSIL-RURG3060 Datasheet
39Kb / 3P
   30A, 600V Ultrafast Diode
RURG30100 INTERSIL-RURG30100 Datasheet
32Kb / 3P
   30A, 1000V Ultrafast Diode
RURP30120 INTERSIL-RURP30120 Datasheet
31Kb / 3P
   30A, 1200V Ultrafast Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com