Selected language     English  ▼


ADM208AN Datasheet(PDF) 10 Page - Analog Devices

Part No. ADM208AN
Description  0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 10 page
background image
ADM206/ADM207/ADM208/ADM211/ADM213
Rev. D | Page 10 of 16
CH1
5.00V
CH2 5.00V M1.00
μs CH1
800mV
T
T
Tx OUTPUT
Tx INPUT
2
1
Figure 18. Transmitter Output Loaded Slew Rate
CH1
5.00V
CH2 5.00V M1.00
μs CH1
800mV
T
T
Tx OUTPUT
Tx INPUT
2
1
Figure 19. Transmitter Output Unloaded Slew Rate




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl