Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30200CT Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # MBR30200CT
Description  Power Schottky Rectifier - 30Amp 200Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR30200CT Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  MBR30200CT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR30200CT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBR30200CT Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MBR30200CT Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
MBR30200PT
TO-247AD
C
F
I
H
K
K
G
E
N
M
A
B
O
L
J
D
A1
A2
K
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.748
.827
19.00
21.00
B
.787
.866
20.00
22.00
C
.598
.638
15.20
16.20
D
.130
.150
3.30
3.80
E
.205
.242
5.20
6.15
F
.209
.232
5.30
5.90
G
.077
.091
1.95
2.30
H
.161
.189
4.10
4.80
I
.551
.610
14.00
15.50
J
.045
.055
1.15
1.40
K
.197
.219
5.00
5.55
L
.189
.205
4.80
5.20
M
.020
.031
0.50
0.80
N
.083
.094
2.10
2.40
O
.116
.128
2.95
3.25
MBR30200PT
TO-3P
D
F
I
H
K
K
G
N
M
A
B
O
L
J
E
C
P
Q
R
A1
A2
K
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.744
.783
18.90
19.90
B
.787
.827
20.00
21.00
C
.346
.386
8.80
9.80
D
.512
.535
13.00
13.60
E
.602
.628
15.30
15.95
F
.256
.276
6.50
7.00
G
.077
.085
1.95
2.15
H
.098
.126
2.50
3.20
I
.528
.551
13.40
14.00
J
.035
.047
0.90
1.20
K
.205
.220
5.20
5.60
L
.183
.195
4.65
4.95
M
.022
.035
0.55
0.90
N
.053
.059
1.35
1.50
O
.055
.065
1.40
1.65
P
.165
.197
4.20
5.00
Q
.128
.140
3.25
3.55
R
.114
.130
2.90
3.30
www.kersemi.com


Similar Part No. - MBR30200CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR30200CT ETC2-MBR30200CT Datasheet
104Kb / 1P
   30 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200 Volts
logo
Inchange Semiconductor ...
MBR30200CT ISC-MBR30200CT Datasheet
271Kb / 2P
   Schottky Barrier Rectifier
logo
Compact Technology Corp...
MBR30200CT CTC-MBR30200CT Datasheet
72Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
MBR30200CT CITC-MBR30200CT Datasheet
99Kb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
Sirectifier Global Corp...
MBR30200CT SIRECT-MBR30200CT Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 200Volt
More results

Similar Description - MBR30200CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR30200CT SIRECT-MBR30200CT Datasheet
147Kb / 4P
   Power Schottky Rectifier - 30Amp 200Volt
logo
Kersemi Electronic Co.,...
MBR30200FCT KERSEMI-MBR30200FCT Datasheet
1Mb / 4P
   Power Schottky Rectifier - 30Amp 200Volt
logo
Sirectifier Global Corp...
MBR30200CT SIRECT-MBR30200CT Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 200Volt
SB10200FC SIRECT-SB10200FC Datasheet
219Kb / 3P
   Power Schottky Rectifier - 10Amp 200Volt
MBR10B200CTH SIRECT-MBR10B200CTH Datasheet
147Kb / 4P
   Power Schottky Rectifier - 10Amp 200Volt
MBR10L200CTH SIRECT-MBR10L200CTH Datasheet
132Kb / 3P
   Power Schottky Rectifier - 10Amp 200Volt
MBR20H200CT SIRECT-MBR20H200CT Datasheet
216Kb / 2P
   Power Schottky Rectifier - 20Amp 200Volt
MBR10200CT SIRECT-MBR10200CT Datasheet
133Kb / 3P
   Power Schottky Rectifier - 10Amp 200Volt
MBR20B200CTH SIRECT-MBR20B200CTH Datasheet
147Kb / 4P
   Power Schottky Rectifier - 20Amp 200Volt
MBR20200CTH SIRECT-MBR20200CTH Datasheet
134Kb / 3P
   Power Schottky Rectifier - 20Amp 200Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com