Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV4140A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RV4140A
Description  Low Power Two-Wire Ground Fault Interrupter Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RV4140A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RV4140A Datasheet HTML 1Page - Fairchild Semiconductor RV4140A Datasheet HTML 2Page - Fairchild Semiconductor RV4140A Datasheet HTML 3Page - Fairchild Semiconductor RV4140A Datasheet HTML 4Page - Fairchild Semiconductor RV4140A Datasheet HTML 5Page - Fairchild Semiconductor RV4140A Datasheet HTML 6Page - Fairchild Semiconductor RV4140A Datasheet HTML 7Page - Fairchild Semiconductor RV4140A Datasheet HTML 8Page - Fairchild Semiconductor RV4140A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRODUCT SPECIFICATION
RV4140A
3
The value of RSET to meet nominal ground fault tip current
specification is:
Where:
•RSET is in k
W
• T is the time delay in ms
• P is the period of the line frequency in ms
•IFAULT is the desired ground fault trip current in mA
RMS.
• N is the number of sense transformer secondary turns.
This formula assumes an ideal sense transformer is used.
The calculated value of RSET may have to be changed up to
30% when using a non-ideal transformer.
Figure 1. Appliance Leakage Detector Circuit Application
R
SET
2.05
N
´
I
FAULT
COS 180
´
TP
¤
()
---------------------------------------------------------------
=
65-4140A-02
Closed
Contacts
Load
Solinoid
C3
10 nF
Q1
Tag
X0103DA
RLINE
C2
0.02 F
m
1
2
3
4
8
7
6
5
RSET
C1
10 F
Hot
Neutral
Line
Sense Transformer
1:500 Turns Ratio
3 Ring Steel Core
RV4140A
m
Normally
Latching
Mov
RTEST
C4
0.1 F
m
Press to Test
15K
191K
91K


Similar Part No. - RV4140A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4140A FAIRCHILD-RV4140A Datasheet
65Kb / 12P
   Low Power Two-Wire Ground Fault Interrupter Controller
RV4140AM FAIRCHILD-RV4140AM Datasheet
65Kb / 12P
   Low Power Two-Wire Ground Fault Interrupter Controller
RV4140AN FAIRCHILD-RV4140AN Datasheet
65Kb / 12P
   Low Power Two-Wire Ground Fault Interrupter Controller
RV4140A FAIRCHILD-RV4140A_04 Datasheet
65Kb / 12P
   Low Power Two-Wire Ground Fault Interrupter Controller
More results

Similar Description - RV4140A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4140A FAIRCHILD-RV4140A_04 Datasheet
65Kb / 12P
   Low Power Two-Wire Ground Fault Interrupter Controller
logo
Unisonic Technologies
GF2140 UTC-GF2140 Datasheet
177Kb / 4P
   LOW POWER TWO-WIRE GROUND FAULT INTERRUPTER
GF2140 UTC-GF2140_15 Datasheet
210Kb / 4P
   LOW POWER TWO-WIRE GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_11 Datasheet
503Kb / 9P
   Low-Power, Ground-Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A_16 Datasheet
440Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A Datasheet
345Kb / 8P
   Low Power Ground Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A Datasheet
267Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A Datasheet
367Kb / 11P
   Low Power Ground Fault Interrupter
RV4145A FAIRCHILD-RV4145A_04 Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com