Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV4141AN Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RV4141AN
Description  Low Power Ground Fault Interrupter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RV4141AN Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RV4141AN Datasheet HTML 1Page - Fairchild Semiconductor RV4141AN Datasheet HTML 2Page - Fairchild Semiconductor RV4141AN Datasheet HTML 3Page - Fairchild Semiconductor RV4141AN Datasheet HTML 4Page - Fairchild Semiconductor RV4141AN Datasheet HTML 5Page - Fairchild Semiconductor RV4141AN Datasheet HTML 6Page - Fairchild Semiconductor RV4141AN Datasheet HTML 7Page - Fairchild Semiconductor RV4141AN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RV4141A
PRODUCT SPECIFICATION
REV. 1.0.1 7/8/03
3
Electrical Characteristics (ILINE = 1.5mA and TA = +25°C, RSET = 650kΩ)
Note:
1. Delay time is defined as starting when the instantaneous sense current (I2-3) exceeds 6.5 V/RSET and ending when the SCR
trigger voltage V7-6 goes high.
Parameters
Test Conditions
Min
Typ
Max
Units
Shunt Regulator (Pins 5 to 4)
Regulated Voltage
I2-3 = 11µA
25.0
27.0
29.0
V
Regulated Voltage
ILINE = 750 µA, I2-3 = 9µA
25.0
27.0
29.0
V
Quiescent Current
V5-4 = 24V
500
µA
Sense Amplifier (Pins 2 to 3)
Offset Voltage
-200
0
200
µV
Gain Bandwidth
(Design Value)
1.5
MHz
Input Bias Current
(Design Value)
30
100
nA
SCR Trigger (Pins 7 to 4)
Output Resistance
V7-4 = Open, I2-3 = µA
3.8
4.7
5.6
k
Output Voltage
I2-3 = 9µA
0
0.1
10
mV
Output Voltage
I2-3 = 11µA
2.4
3.0
3.6
V
Output Current
V7-4 = 0V, I2-3 = 11µA
400
600
µA
Reference Voltage (Pins 3 to 4)
Reference Voltage
ILINE = 750 µA
12.0
13.0
14.0
V
Delay Timer (Pins 8 to 4)
Delay Time (Note 1)
C8-4 = 12nF
2.0
ms
Delay Current
I2-3 = 11µA
30
40
50
µA


Similar Part No. - RV4141AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
RV4141AN ONSEMI-RV4141AN Datasheet
487Kb / 11P
   Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
logo
Fairchild Semiconductor
RV4141AN FAIRCHILD-RV4141AN_11 Datasheet
503Kb / 9P
   Low-Power, Ground-Fault Interrupter
More results

Similar Description - RV4141AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_11 Datasheet
503Kb / 9P
   Low-Power, Ground-Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A_16 Datasheet
440Kb / 7P
   Low Power Ground Fault Interrupter
IL4145A IKSEMICON-IL4145A Datasheet
267Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A Datasheet
367Kb / 11P
   Low Power Ground Fault Interrupter
RV4145A FAIRCHILD-RV4145A_04 Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Unisonic Technologies
GV4145A UTC-GV4145A_15 Datasheet
303Kb / 7P
   LOW POWER GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_05 Datasheet
67Kb / 7P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4141A ONSEMI-RV4141A Datasheet
487Kb / 11P
   Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
logo
Integral Corp.
IL4145A INTEGRAL-IL4145A Datasheet
265Kb / 7P
   Low Power Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com