Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8043AFRU-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # DAC8043AFRU-REEL7
Description  12-Bit Serial Input Multiplying D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8043AFRU-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  DAC8043AFRU-REEL7 Datasheet HTML 1Page - Analog Devices DAC8043AFRU-REEL7 Datasheet HTML 2Page - Analog Devices DAC8043AFRU-REEL7 Datasheet HTML 3Page - Analog Devices DAC8043AFRU-REEL7 Datasheet HTML 4Page - Analog Devices DAC8043AFRU-REEL7 Datasheet HTML 5Page - Analog Devices DAC8043AFRU-REEL7 Datasheet HTML 6Page - Analog Devices DAC8043AFRU-REEL7 Datasheet HTML 7Page - Analog Devices DAC8043AFRU-REEL7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
DAC8043A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/461-3113
© Analog Devices, Inc., 2006
12-Bit Serial Input
Multiplying D/A Converter
FUNCTIONAL BLOCK DIAGRAM
12-BIT SHIFT
REGISTER
DAC REG
12
12
DAC
DAC8043A
VDD
VREF
LD
CLK
SRI
GND
IOUT
RFB
FEATURES
Compact SOIC, and TSSOP Packages
True 12-Bit Accuracy
5 V Operation @ <10
A
Fast 3-Wire Serial Input
Fast 1
s Settling Time
2.4 MHz 4-Quadrant Multiply BW
Pin-for-Pin Upgrade for DAC8043
Standard and Rotated Pinout
APPLICATIONS
Ideal for PLC Applications in Industrial Control
Programmable Amplifiers and Attenuators
Digitally Controlled Calibration and Filters
Motion Control Systems
GENERAL DESCRIPTION
The DAC8043A is an improved high accuracy 12-bit multiply-
ing digital-to-analog converter in space-saving 8-lead packages.
Featuring serial input, double buffering and excellent analog
performance, the DAC8043A is ideal for applications where PC
board space is at a premium. Improved linearity and gain error
performance permit reduced parts count through the elimina-
tion of trimming components. Separate input clock and load
DAC control lines allow full user control of data loading and
analog output.
The circuit consists of a 12-bit serial-in/parallel-out shift regis-
ter, a 12-bit DAC register, a 12-bit CMOS DAC and control
logic. Serial data is clocked into the input register on the rising
edge of the CLOCK pulse. When the new data word has been
clocked in, it is loaded into the DAC register with the
LD input
pin. Data in the DAC register is converted to an output current
by the D/A converter.
Consuming only 10
µA from a single 5 V power supply, the
DAC8043A is the ideal low power, small size, high performance
solution to many application problems.
The DAC8043A is specified over the extended industrial
(–40
°C to +85°C) temperature range. DAC8043A is available
in a PDIP package, and the low profile 1.75 mm height SOIC-8
surface mount packages. The DAC8043AFRU is available for
ultra-compact applications in a thin 1.1 mm TSSOP-8 package.
CODE
0.1
0
–0.1
0
1024
2048
3072
4096
–0.5
0.5
0.4
0.3
0.2
–0.2
–0.3
–0.4
512
1536
2560
3584
TA = +25 C, +85 C, –40 C
VDD = +5V
VREF = –10V
Figure 1. Integral Nonlinearity Error vs. Code


Similar Part No. - DAC8043AFRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8043AFRU AD-DAC8043AFRU Datasheet
137Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
REV. 0
More results

Similar Description - DAC8043AFRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8043A AD-DAC8043A Datasheet
137Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
REV. 0
DAC8043A AD-DAC8043A_15 Datasheet
700Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
PM7543 AD-PM7543 Datasheet
739Kb / 12P
   12-BIT SERIAL INPUT MULTIPLYING CMOS D/A CONVERT
REV. D
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
   12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
AD7541 INTERSIL-AD7541 Datasheet
53Kb / 8P
   12-Bit, Multiplying D/A Converter
August 1997
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
   12-Bit, Multiplying D/A Converter
May 2002
logo
Texas Instruments
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Analog Devices
AD5441 AD-AD5441 Datasheet
281Kb / 16P
   12-Bit Serial Input Multiplying DAC
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com