Electronic Components Datasheet Search |
|
ADSP-2111KG-66 Datasheet(PDF) 4 Page - Analog Devices |
|
ADSP-2111KG-66 Datasheet(HTML) 4 Page - Analog Devices |
4 / 64 page ADSP-21xx –4– REV. B The ADSP-216x series are memory-variant versions of the ADSP-2101 and ADSP-2103 that contain factory-programmed on-chip ROM program memory. These devices offer different amounts of on-chip memory for program and data storage. Table II shows the features available in the ADSP-216x series of custom ROM-coded processors. The ADSP-216x products eliminate the need for an external boot EPROM in your system, and can also eliminate the need for any external program memory by fitting the entire applica- tion program in on-chip ROM. These devices thus provide an excellent option for volume applications where board space and system cost constraints are of critical concern. Development Tools The ADSP-21xx processors are supported by a complete set of tools for system development. The ADSP-2100 Family Devel- opment Software includes C and assembly language tools that allow programmers to write code for any of the ADSP-21xx processors. The ANSI C compiler generates ADSP-21xx assembly source code, while the runtime C library provides ANSI-standard and custom DSP library routines. The ADSP- 21xx assembler produces object code modules which the linker combines into an executable file. The processor simulators provide an interactive instruction-level simulation with a reconfigurable, windowed user interface. A PROM splitter utility generates PROM programmer compatible files. EZ-ICE ® in-circuit emulators allow debugging of ADSP-21xx systems by providing a full range of emulation functions such as modification of memory and register values and execution breakpoints. EZ-LAB ® demonstration boards are complete DSP systems that execute EPROM-based programs. The EZ-Kit Lite is a very low-cost evaluation/development platform that contains both the hardware and software needed to evaluate the ADSP-21xx architecture. Additional details and ordering information is available in the ADSP-2100 Family Software & Hardware Development Tools data sheet (ADDS-21xx-TOOLS). This data sheet can be requested from any Analog Devices sales office or distributor. Additional Information This data sheet provides a general overview of ADSP-21xx processor functionality. For detailed design information on the architecture and instruction set, refer to the ADSP-2100 Family User’s Manual, available from Analog Devices. ARCHITECTURE OVERVIEW Figure 1 shows a block diagram of the ADSP-21xx architecture. The processors contain three independent computational units: the ALU, the multiplier/accumulator (MAC), and the shifter. The computational units process 16-bit data directly and have provisions to support multiprecision computations. The ALU performs a standard set of arithmetic and logic operations; division primitives are also supported. The MAC performs single-cycle multiply, multiply/add, and multiply/subtract operations. The shifter performs logical and arithmetic shifts, normalization, denormalization, and derive exponent operations. The shifter can be used to efficiently implement numeric format control including multiword floating-point representations. The internal result (R) bus directly connects the computational units so that the output of any unit may be used as the input of any unit on the next cycle. A powerful program sequencer and two dedicated data address generators ensure efficient use of these computational units. The sequencer supports conditional jumps, subroutine calls, and returns in a single cycle. With internal loop counters and loop stacks, the ADSP-21xx executes looped code with zero overhead—no explicit jump instructions are required to maintain the loop. Two data address generators (DAGs) provide addresses for simultaneous dual operand fetches (from data memory and program memory). Each DAG maintains and updates four address pointers. Whenever the pointer is used to access data (indirect addressing), it is post-modified by the value of one of four modify registers. A length value may be associated with each pointer to implement automatic modulo addressing for circular buffers. The circular buffering feature is also used by the serial ports for automatic data transfers to (and from) on- chip memory. Efficient data transfer is achieved with the use of five internal buses: • Program Memory Address (PMA) Bus • Program Memory Data (PMD) Bus • Data Memory Address (DMA) Bus • Data Memory Data (DMD) Bus • Result (R) Bus The two address buses (PMA, DMA) share a single external address bus, allowing memory to be expanded off-chip, and the two data buses (PMD, DMD) share a single external data bus. The BMS, DMS, and PMS signals indicate which memory space is using the external buses. Program memory can store both instructions and data, permit- ting the ADSP-21xx to fetch two operands in a single cycle, one from program memory and one from data memory. The processor can fetch an operand from on-chip program memory and the next instruction in the same cycle. The memory interface supports slow memories and memory- mapped peripherals with programmable wait state generation. External devices can gain control of the processor’s buses with the use of the bus request/grant signals (BR, BG). EZ-ICE and EZ-LAB are registered trademarks of Analog Devices, Inc. |
Similar Part No. - ADSP-2111KG-66 |
|
Similar Description - ADSP-2111KG-66 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |