Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5.0(C)A Datasheet(PDF) 3 Page - Formosa MS

Part # SA5.0(C)A
Description  500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SA5.0(C)A Datasheet(HTML) 3 Page - Formosa MS

  SA5.0(C)A Datasheet HTML 1Page - Formosa MS SA5.0(C)A Datasheet HTML 2Page - Formosa MS SA5.0(C)A Datasheet HTML 3Page - Formosa MS SA5.0(C)A Datasheet HTML 4Page - Formosa MS SA5.0(C)A Datasheet HTML 5Page - Formosa MS SA5.0(C)A Datasheet HTML 6Page - Formosa MS SA5.0(C)A Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
O
Absolute Maximum Rating(T = 25 C)
A
mA
I
T
Volts
Max. V
C@ I PPM
Volts
I
(A)
PPM
9.83
7.98
10.4
11.1
8.60
9.21
13.5
14.7
15.9
17.2
18.5
19.7
20.9
22.1
24.5
26.9
29.5
31.9
34.4
36.8
40.6
44.2
49.1
52.8
55.3
10
10
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
11.2
12.0
12.9
13.6
14.4
15.4
17.0
18.2
19.9
21.5
23.2
24.4
26.0
27.6
29.2
32.4
35.5
38.9
42.1
45.4
48.4
53.3
58.1
64.5
69.4
72.7
44.7
41.7
38.8
36.7
34.7
32.5
29.4
27.4
25.1
23.2
21.5
20.6
19.2
18.1
17.2
15.4
14.4
12.8
11.9
11.0
10.3
9.4
8.6
7.8
7.2
6.9
Part No.
SA6.5(C)A
SA7.0(C)A
7.00
10
9.2
54.3
SA5.0(C)A
7.37
10
10.3
48.5
SA6.0(C)A
o
Electrical characteristics (at T =25 C unless otherwise noted)
Table 1
A
Volts
Volts
V
BR Max
V
BR Min
V
RWM
I
FSM
8.89
7.22
9.44
10.0
7.78
8.33
12.2
13.3
14.4
15.6
16.7
17.8
18.9
20.0
22.2
24.4
26.7
28.9
31.1
33.3
36.7
40.0
44.4
47.8
50.0
6.40
6.67
8.0
6.5
8.5
9.0
7.0
10.0
7.5
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
33.0
36.0
40.0
43.0
45.0
5.0
6.0
(A)@8.3ms
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
SA8.5(C)A
SA9.0(C)A
SA7.5(C)A
SA8.0(C)A
SA11(C)A
SA12(C)A
SA10(C)A
SA15(C)A
SA16(C)A
SA13(C)A
SA14(C)A
SA20(C)A
SA22(C)A
SA17(C)A
SA18(C)A
SA28(C)A
SA30(C)A
SA24(C)A
SA26(C)A
SA40(C)A
SA43(C)A
SA33(C)A
SA36(C)A
SA45(C)A
O
Electricity Characteristics(T = 25 C)
A
600
600
400
150
50
25
10
5
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
58.9
62.7
66.3
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
77.4
82.4
87.1
93.6
96.8
103.0
113.0
121.0
126.0
6.5
6.1
5.7
5.3
5.2
4.9
4.4
4.1
4.0
71.2
73.7
78.6
92.1
95.8
86.0
53.3
56.7
60.0
64.4
66.7
71.1
83.3
86.7
77.8
48.0
51.0
54.0
58.0
60.0
64.0
75.0
78.0
70.0
70
70
70
70
70
70
70
70
70
SA51(C)A
SA54(C)A
SA48(C)A
SA64(C)A
SA70(C)A
SA58(C)A
SA60(C)A
SA75(C)A
SA78(C)A
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Note 1. V
measured after I applied for 300us, I =square wave pulse or equivalent
BR
T
T
2. Surge current waveform per Fig. 3 and derated per Fig. 2
3. For bi-directional types having V
of 10 volts and less, the I limit is doubled
RWM
R
4. Suffix ‘C’ denotes bi-directional devices. Suffix ‘A’ denotes 5% tolerance devices, no suffix denotes 10% tolerance devices.
5. All terms and symbols are consistent with ANS/IEEE C62.35
3
3
3
3
3
3
3
3
3
3
3
3
3
1.0
1.0
1.0
1.0
1.0
137.0
146
162
177
193
3.6
3.4
3.1
2.8
2.0
104.0
111.0
135.0
147.0
123.0
94.4
100.0
122.0
133.0
111.0
85.0
90.0
110.0
120.0
100.0
70
70
70
70
70
SA90(C)A
SA100(C)A
SA85(C)A
SA110(C)A
SA120(C)A
3
3
3
3
3
12.3
11.1
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222807
2008/02/10
2010/03/10
B
7
Max. I @V
R
RWM
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SA5.0(C)A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SA5.0(C)A FRONTIER-SA5.0(C)A Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)A-LFR FRONTIER-SA5.0(C)A-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA5.0(C)A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
3.0SMCJ5.0 FCI-3.0SMCJ5.0 Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
SUNMATE electronic Co.,...
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
   10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0CA SUNMATE-5KP5.0CA Datasheet
336Kb / 4P
   5000Watts Axial Leaded Transient Voltage Suppressors
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com