Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR180 Datasheet(PDF) 2 Page - Formosa MS

Part # SR180
Description  1.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SR180 Datasheet(HTML) 2 Page - Formosa MS

  SR180 Datasheet HTML 1Page - Formosa MS SR180 Datasheet HTML 2Page - Formosa MS SR180 Datasheet HTML 3Page - Formosa MS SR180 Datasheet HTML 4Page - Formosa MS SR180 Datasheet HTML 5Page - Formosa MS SR180 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
01234516
789

9



9


9


9
9

9
!9
9






9
!9
9


"9





9

#

9
$9

9

%9
9
9

89

9
&
9
9
'

9

$

&9
&


()
$%*+$,-.//0
112
3456678:;<:7=>7?@ABC<@DEFB=6GBBH@GACIB8J4KLMN;<J
3
3
3
3
3
3
3
3
O1PQ2RS
P2TV232
3
3WX(  9+Y$Z,
3X789  ! ()$%*+$1/1
(
1/2

3[ 9XW !
3(9[99X7
3\9X789&/]]&
^8X#-Z$_/

&

`2Pa2b1c43T
S
R1
[1
0c5ec62Of
+Y$
Z,
+9
&9
9
9
g
&9
9
&

h
,
/g
1.
Zh
()
i
,
/g
1.
Zh
()
i

1/.g
.
1h

,jjg
Z
1h

/]Zg

-h

/12g

kh

,/kg
1
kh

/2/g
1
/h
+)
7
+)
7
flmnopqlrflmmoo
+&)
+
)
+
s9
+
s9
9

[
tuvwx
x
yz|}~~
€~€ux

‚

€~
ƒ,s
9

9
„


ƒ1s(%


ƒ]W
9



ƒZ(89
&&


…)†,
/7
‡
[7s7(^*^s
WYi+)
*)
Yi%
‡
9

9

‡
s
*& 9


+9
'

9
9


%‡9

1
2
]&9


9
$9
&

gˆ^+^W&
h
%&! ()
i *‰[ (7Š #i)
*
)
Y
)
‡%(
)
s
W
ˆ
7
7
&7
YW0
\
,
/
]/
/
.
./
Y
_ † _
* † 1.W
s
ss(
ˆ
Y
_ † _
* † ,//W
s
ss(
ˆ
ˆ
9

&!9

,,/
,/
s
‹ˆ7
%s,1/
%s,]/
%s,Z/
,Z
1,
12
1/
]/
Z/
%‰(ŒY%
_
ss(
g_h
_
s(%
_
s
g_h
g_h
ƒ,
ƒ1
ƒ]
_
‡
g_h
ƒZ
%s,./
%s,j/
].
Z1
./
j/
/
k/
$..
,1.
%s,2/
%s,,//
2/
,//
.j
k/
1/
]/
Z/
./
j/
2/
,//
%

&


†,( Ž
9
Z_+W


*
%*"
YW
,k.
$j.
Y
gWh
Y
9


&

*
ˆ
/
..
/
2.
$..
,./


X
0
0


&&
&0
*^X
22j$1$11j-jjj,
‡7ŠX
22j$1$11j-j,Z,
o‘S
2T’12V1VfPQc33a“”255S
15
l1P3S
•S
156–no—–moo—
+%$111jZ.
1//20
/10
,/
1/,/0
/]0
,/
Œ
j
O2‘S
e4e 523S
Rb62RV˜T
1P35S
P2T™Q252P315S
63S
P6g7**†1.
7
W 

9

h
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SR180

ManufacturerPart #DatasheetDescription
logo
Bytes
SR180 BYTES-SR180 Datasheet
153Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
SR180 ZSELEC-SR180 Datasheet
96Kb / 2P
   1.0A SCHOTTKY BARRIER DIODE
logo
Shanghai Leiditech Elec...
SR180 LEIDITECH-SR180 Datasheet
284Kb / 2P
   Plastic Schottky Barrier Restifier
logo
Shenzhen Luguang Electr...
SR180 LUGUANG-SR180 Datasheet
215Kb / 2P
   Schottky Barrier Rectifiers
logo
Dongguan City Niuhang E...
SR180 NIUHANG-SR180 Datasheet
3Mb / 2P
   1.0Amp Schottky Barrier Rectifier Voltage Range: 20 thru 200Volts
More results

Similar Description - SR180

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR520 FORMOSA-SR520_13 Datasheet
128Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
logo
SUNMATE electronic Co.,...
1N5817 SUNMATE-1N5817 Datasheet
57Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
PFM120-S PACELEADER-PFM120-S Datasheet
422Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
logo
Formosa MS
SR220 FORMOSA-SR220_13 Datasheet
184Kb / 6P
   2.0A Axial Leaded Schottky Barrier Rectifiers-20V-200V
SR820 FORMOSA-SR820_13 Datasheet
129Kb / 6P
   8.0A Axial Leaded Schottky Barrier Rectifiers - 20V-150V
SR320 FORMOSA-SR320_13 Datasheet
138Kb / 6P
   3.0A Axial Leaded Schottky Barrier Rectifiers - 20V-200V
logo
SUNMATE electronic Co.,...
SB120 SUNMATE-SB120 Datasheet
134Kb / 2P
   1.0A Axial Leaded Schottky Barrier Diode
SR120 SUNMATE-SR120 Datasheet
189Kb / 2P
   1.0A Axial Leaded Schottky Barrier Diode
1S20 SUNMATE-1S20 Datasheet
344Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier
logo
Mospec Semiconductor
SR17 MOSPEC-SR17 Datasheet
220Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com