Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB280 Datasheet(PDF) 4 Page - Formosa MS

Part # SB280
Description  Axial Leaded Schottky Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SB280 Datasheet(HTML) 4 Page - Formosa MS

  SB280 Datasheet HTML 1Page - Formosa MS SB280 Datasheet HTML 2Page - Formosa MS SB280 Datasheet HTML 3Page - Formosa MS SB280 Datasheet HTML 4Page - Formosa MS SB280 Datasheet HTML 5Page - Formosa MS SB280 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
01
221
231
2567891
62

 


 












97!1
23
"#
$#%
&
' (
' (
' )(
' )(
' *(
' *(
' +(
' +(
' ,(
' ,(
' -(
' -(
' ((
' ((
' +(
' +(
' ((
' ((
&*
/901
231234
!50671
51
791
62556789:
8;<6=1
765
+ >
*
?
@AAB
#

C
C
>
(
,>
)
$D@AA
?

&
>

E FG
?>
)++
EFG
?>
++$D>
EFG
?>
E $D>
HIIJ?BKG
LM
F@N +
*O
(((
+
),(P)*(P)E(
,O
(((
Q>
Q
?$$@?BKG
LM
F@N +
)O
(((
,(P-)P ,(
**(P E(P)*(
)(O
(((
*>
)
FG
F
G
CCF

HR
CF
 HR
C

&>
FISG
BI
B?I
"TI
UV
"T
WBXHIIJY
B@$@LIL"
?BG
LM
Z?Z
AG
M>?
B?H"@L
G
[I
UV
"T
WBXB?H"@LY
?H@\>
BH@
]IG
M^"W%&Y
WX
Y
FISG
BI
B?I
"TI
UV
"T
WBX'@\Y
G
LLIH
'@\G
[I
B?H"@L
G
[I
UV
"T
WBXB?H"@LY
?H@\>
BH@
]IG
M^"W%&Y
WX
Y
WX
Y


_
X
X
```>

#CC>
X
"IJ_
--,N N ,Q,,,
A?\_
--,N N ,Q, *
a678659 b
bcdde/fghbcddee
FN ,*E
((-X( X (
( (X(*X
'
,
ijk
lmoplqpqrstuv
v
wxylzzk
pz{psv
k
|
k
pz
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SB280

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SB280 BILIN-SB280 Datasheet
281Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB280 PANJIT-SB280 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
First Silicon Co., Ltd
SB280 FS-SB280 Datasheet
125Kb / 2P
   Schottky Rectifier
logo
SynSemi, Inc.
SB280 SYNSEMI-SB280 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Leshan Radio Company
SB280 LRC-SB280 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results

Similar Description - SB280

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1S20 SUNMATE-1S20 Datasheet
344Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier
31DQ09 SUNMATE-31DQ09 Datasheet
111Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifier
31DQ03 SUNMATE-31DQ03 Datasheet
98Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifier
11DQ03 SUNMATE-11DQ03 Datasheet
149Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA83-004 SUNMATE-ERA83-004 Datasheet
341Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
MBR150 SUNMATE-MBR150 Datasheet
109Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA81-004 SUNMATE-ERA81-004 Datasheet
337Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA84-009 SUNMATE-ERA84-009 Datasheet
401Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
21DQ04 SUNMATE-21DQ04 Datasheet
188Kb / 2P
   2.0A Axial Leaded Schottky Rectifier
80SQ030 SUNMATE-80SQ030 Datasheet
1Mb / 3P
   8A Axial Leaded Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com