Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB2100 Datasheet(PDF) 3 Page - Formosa MS

Part # SB2100
Description  Axial Leaded Schottky Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SB2100 Datasheet(HTML) 3 Page - Formosa MS

  SB2100 Datasheet HTML 1Page - Formosa MS SB2100 Datasheet HTML 2Page - Formosa MS SB2100 Datasheet HTML 3Page - Formosa MS SB2100 Datasheet HTML 4Page - Formosa MS SB2100 Datasheet HTML 5Page - Formosa MS SB2100 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
01235
789
8 889

9

7
!"
#$
%&0'()*+,'%-,'(0('%(,'.
/.0./1.0-)%(!.2
3
04
-/6(/70-)%(!.2
3
04
!"
8$%&0'()/.0./1.'9(/('%./1%'1
!"
<$
%&0'()-/6(/7
0./'.,%-/(%.70.(:/.0./1.0-)%(!.2
3=4
7>?@;3AB7
CC@3D71B
3
/3EF
C3D71B
3 /3EF
CF
>A
0123"
GB
B
5H
I
I
JJJ"
K
>L;>C1;C"
?>;I
%.)H
MMN$<$<<NONNNP
(QH
MMN$<$<<NONP#P
1R<<ST1R<#S
1R<8ST1R<<SS
%U<8V
'
*
0@W
C36F
DB
G5SS@C
P= 7@B
X'X?W
3
%U<8'
*
1R<<ST1R<#S
1R<8ST1R<NS
1R<MST1R<<SS
1R<<ST1R<#S
1R<8ST1R<<SS
71$<<<N#Y
<SSMIS<IPS
<SPSIS#IP<
R
N
8S
PS
P
S"
P
S"< S"5 S"# S"8 S"N S"Y S"M S"O P"S P"P
PS
P"
S
S"
P
S"
SP
S"
SSP
S
<S
#S
NS
MS
PSS P<S P#S
'9(/('%./1%'1
%UY8V
'
*
%UPSSV
'
*
!"
5$
Z(QZ+Z,-,$
/.0.%%0.-/6(/7
1+/!.'+//.,%
S
<S
PS
5S
8S
#S
,+ZR./-'&').1(%NS9[
P
PS
8
8S
PSS
%U<8'
*
M"
5;C1F
A2W
391W
K
1F
A361E3
*.7.';3B
G>D
P
!"
P$
%&0'()-/6(/7'+//.,%7./(%,!'+/0.
).(7%.Z0./(%+/.3
\'4
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SB2100

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB2100 PANJIT-SB2100 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Galaxy Semi-Conductor H...
SB2100 BILIN-SB2100 Datasheet
281Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SB2100 SEMTECH_ELEC-SB2100 Datasheet
364Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
SB2100 FS-SB2100 Datasheet
125Kb / 2P
   Schottky Rectifier
logo
Leshan Radio Company
SB2100 LRC-SB2100 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results

Similar Description - SB2100

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1S20 SUNMATE-1S20 Datasheet
344Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier
31DQ09 SUNMATE-31DQ09 Datasheet
111Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifier
31DQ03 SUNMATE-31DQ03 Datasheet
98Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifier
11DQ03 SUNMATE-11DQ03 Datasheet
149Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA83-004 SUNMATE-ERA83-004 Datasheet
341Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
MBR150 SUNMATE-MBR150 Datasheet
109Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA81-004 SUNMATE-ERA81-004 Datasheet
337Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA84-009 SUNMATE-ERA84-009 Datasheet
401Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
21DQ04 SUNMATE-21DQ04 Datasheet
188Kb / 2P
   2.0A Axial Leaded Schottky Rectifier
80SQ030 SUNMATE-80SQ030 Datasheet
1Mb / 3P
   8A Axial Leaded Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com