Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR5150 Datasheet(PDF) 6 Page - Formosa MS

Part # SR5150
Description  5.0A Axial Leaded Schottky Barrier Rectifiers - 150V-200V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SR5150 Datasheet(HTML) 6 Page - Formosa MS

  SR5150 Datasheet HTML 1Page - Formosa MS SR5150 Datasheet HTML 2Page - Formosa MS SR5150 Datasheet HTML 3Page - Formosa MS SR5150 Datasheet HTML 4Page - Formosa MS SR5150 Datasheet HTML 5Page - Formosa MS SR5150 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
01235
7898 








 !"
#
#
$$$%
&
'()'*1)*%
+')#
,-."
//501011525553
456"
//501011525373
8'+9)3: ;
8
;
**93<813
=3>?
*3<813 =3>?
*?
':
0123%
@ABACDE@F@AGCC
8'+9)3: ;
8
;
**93<813
=3>?
*3<813 =3>?
*?
':
0123%
8H01115I,
1II/#
I1#
3I
1I3I#
IJ#
3I
K
5
EL
MN9OP
L
QL
P
L
RSRO RT U QL
P
L
RL
O
3%H'V
<3(=3*?
*1:+3
1%H'V
<3(1W?
V
?X
J%09V
V,3*
7%K3:<.31<
Y%Z?
2,3)!3(19(3=3>3(*3K?
1*
5%4'($1(<[!3(1?
':.?
&
3
\%;
:3()?3: [!3(1?
':.?
&
3
/%0(3**9(3]''^3(
2%,3)!3(19(3]X+V
?
:2
3I%,3()1VH'+^
33%4'($1(<H9(23
31%Z9)?
<?X
3J%Z?
2,3)!3(19(3H'(123.?
&
3
1 15I_Y &
'(3I_1*3+%
?
))3(*3W'<X?
:'*'V
<3(3#
35`_3#
J1`
'
1 17Y_Y]&
'(Y*3+%
1^2?
:1a?
1VV
31<<?
(3+?
':&
'(3I*3+%
1^2$3?
2 1!!V
?
3< '31+V
31<W3:<?
:2
'
'
1(+2I_Y &
'(J ?
)3*%
'
bc/Id (131 ,c31Y]&
'(35/(*%
=
e
'
=13<1>3(123(3+?
&
?
3(+9((3: 1 ,c1Y]&
'(YII(*%
5
[
, c1Y]f;c;
5
4
[
[:*13"!'$3(':&
'(Y)?
:%
'&
&*13"!'$3('&
&&
'(Y)?
:f
':1:<'&
&&
'(YII+X+V
3*%
'
3Y0 1 ,c313]&
'(7(*%
H;
g
5
'
'
0YY] 'h31Y]<$3V
V
3<&
'(JI)?
:%
1:< (1:*&
3((3<&
'(Y)?
:%'1V3I+X+V
3*%
'
'
I]&
'(Y)?
:%(?
*3 '3II]&
'(Y)?
:%'1V3I+X+V
3*%
/%
J)**?
:2V
31V
&*?
:30$1>3*9!3(?
)!'*3<
':(13<V
'1<f':3*9(23%
'
1 ,c/Y]f=Zc/Yd &
'(3III(*%
5
'
1 3\Y]&
'(3III(*%
']
i;
.0H,80\YI8
i-,Z[801IJ3
i;
.0H,801I14
i-,Z[801I/
i;
.0H,80\YI8
i-,Z[801IJ5
i;
.0H,80\YI8
i-,Z[801IJ5
i;
.0H,80\YI8
i-,Z[803IJ/
i;
.0H,80\YI8
i-,Z[803I1\
i;
.0H,80\YI8
i-,Z[803IJ5
e-H811053I1
i;
.0H,80\YI8
i-,Z[803IY3
i;
.0H,80\YI8
i-,Z[803IY5
i;
.0H,80\YI8
i-,Z[807I5501
i;
.0H,80\YI8
i-,Z[803I13
i;
.0H,80\YI8
i-,Z[803IJ3
;3),3*
]':<??
':*
=3&
3(3:+3
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SR5150

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR5150 SECOS-SR5150 Datasheet
250Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
ASEMI TECHNOLOGY., LTD
SR5150 ASEMI-SR5150 Datasheet
62Kb / 2P
   axial ultra-fast recovery diode
2018.11 Rev.3.1
logo
Nanjing International G...
SR5150 DGNJDZ-SR5150 Datasheet
467Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SR5150 MCC-SR5150 Datasheet
256Kb / 2P
   5 Amp Schottky Barrier Rectifier 150 Volts
logo
Jinan Jingheng (Group) ...
SR5150 JINANJINGHENG-SR5150 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
More results

Similar Description - SR5150

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
   5.0A Axial Leaded Schottky Barrier Rectifiers
logo
Formosa MS
SR520 FORMOSA-SR520_13 Datasheet
128Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
logo
Leshan Radio Company
SB5150 LRC-SB5150 Datasheet
172Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 5.0A
logo
Formosa MS
SR820 FORMOSA-SR820_13 Datasheet
129Kb / 6P
   8.0A Axial Leaded Schottky Barrier Rectifiers - 20V-150V
logo
SUNMATE electronic Co.,...
SB520 SUNMATE-SB520 Datasheet
127Kb / 2P
   5.0A Axial Leaded Schottky Barrier Diode
SR520 SUNMATE-SR520 Datasheet
178Kb / 2P
   5.0A Axial Leaded Schottky Barrier Diode
logo
Formosa MS
SR220 FORMOSA-SR220_13 Datasheet
184Kb / 6P
   2.0A Axial Leaded Schottky Barrier Rectifiers-20V-200V
SR320 FORMOSA-SR320_13 Datasheet
138Kb / 6P
   3.0A Axial Leaded Schottky Barrier Rectifiers - 20V-200V
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifiers
1N5817 SUNMATE-1N5817 Datasheet
57Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com