Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE250(C)A Datasheet(PDF) 2 Page - Formosa MS

Part # P6KE250(C)A
Description  600W Axial Lead Transient Voltage Suppressors - 6.8V-440V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

P6KE250(C)A Datasheet(HTML) 2 Page - Formosa MS

  P6KE250(C)A Datasheet HTML 1Page - Formosa MS P6KE250(C)A Datasheet HTML 2Page - Formosa MS P6KE250(C)A Datasheet HTML 3Page - Formosa MS P6KE250(C)A Datasheet HTML 4Page - Formosa MS P6KE250(C)A Datasheet HTML 5Page - Formosa MS P6KE250(C)A Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Features
Axial lead type devices for through hole design.
600W peak pulse power capability with a 10/1000us
waveform, repetition rate (duty cycle): 0.01%.
Excellent clamping capability.
Low incremental surge resistance.
Fast response time from 0V to V , typically less than
BR
1 pS for uni-directional & 5 nS for bi-directional types.
Ultra high-speed switching.
Glass passivated chip junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen free parts, ex. P6ΚΕ6.8Α-H
Package outline
Page 2
Formosa MS
Maximum ratings (AT T =25
A
oC unless otherwise noted)
PARAMETER
CONDITIONS
Peak power dissipation
Peak pulse current
Steady state power dissipation
Peak forward surge current
Maximum instantaneours
forward voltage
with a 10/1000 us waveform, Note 1 & Fig. 1
with a 10/1000 us waveform
Symbol
MIN.
TYP.
MAX.
UNIT
P
PPM
I
PPM
P
M(AV)
V
F
W
A
A
V
600
See table 1
5.0
at T =75°C lead length 0.375” (9.5 mm)
L
8.3ms single half sine-wave superimposed
on rated load (jedec method), note 2
100
I
FSM
Storage temperature
T
STG
OC
+175
-65
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
600W Axial Lead Transient Voltage
Suppressors - 6.8V-440V
Transient Voltage Suppressor
W
O
Note 1. Non-repetitive current pulse, per Fig. 3 and derated above T =25 C per Fig. 2
A
2. Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum
3. V =3.5V max. for devices of V
<200V, and V =5.0V max. for devices of V >201V
F
BR
F
BR
Operating temperature
T
J
OC
+150
-55
P6KE SERIES
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
Mechanical data
Case : Molded plastic, DO-15
Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting Position : Any
Weight : Approximated 0.40 gram
Epoxy : UL94-V0 rated flame retardant
Document ID
Issued Date
Revised Date
Revision
Page.
for uni-directional types only,
at 50A, see note 3
3.5/5.0
DS-222804
2008/02/10
2010/03/10
B
6
深圳FMS
Kinter
131
6803
0058


Similar Part No. - P6KE250(C)A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE250 PANJIT-P6KE250 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shanghai Shunye Electro...
P6KE250 SHUNYE-P6KE250 Datasheet
506Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
P6KE250 YANGJIE-P6KE250 Datasheet
187Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P6KE250 DIOTEC-P6KE250 Datasheet
154Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE250 LUGUANG-P6KE250 Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE250(C)A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6KE TSC-P6KE_15 Datasheet
180Kb / 6P
   600W, 6.8V - 440V Transient Voltage Suppressor
logo
Formosa MS
P4KE6.8CA FORMOSA-P4KE6.8CA Datasheet
156Kb / 6P
   400W Axial Leaded Transient Voltage Suppressors-6.8V-440V
1.5KE6.8 FORMOSA-1.5KE6.8 Datasheet
145Kb / 6P
   1500W Axial Lead Transient Voltage uppressors - 6.8V-440V
logo
Taiwan Semiconductor Co...
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
UN Semiconducctor INC
5KP UNSEMI-5KP Datasheet
4Mb / 8P
   5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
UN Semiconducctor INC
P6KE UNSEMI-P6KE Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
SUNMATE electronic Co.,...
P6KE6.8CA SUNMATE-P6KE6.8CA Datasheet
71Kb / 4P
   600W Axial Lead Transient Voltage Suppessors
logo
UN Semiconducctor INC
SMBJ UNSEMI-SMBJ Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com