Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y1506100K500TR0L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Y1506100K500TR0L
Description  Bulk Metal Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1506100K500TR0L Datasheet(HTML) 3 Page - Vishay Siliconix

  Y1506100K500TR0L Datasheet HTML 1Page - Vishay Siliconix Y1506100K500TR0L Datasheet HTML 2Page - Vishay Siliconix Y1506100K500TR0L Datasheet HTML 3Page - Vishay Siliconix Y1506100K500TR0L Datasheet HTML 4Page - Vishay Siliconix Y1506100K500TR0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TABLE 2 - MODEL SELECTION
MODEL
NUMBER
RESISTANCE
RANGE
(
)
STANDARD RESISTANCE
TOLERANCE
FAILURE
RATE
AMBIENT
POWER RATING
AVERAGE
WEIGHT
(g)
DIMENSIONS
TIGHTEST
%
LOOSEST
%
at + 70 °C at + 125 ° C
INCHES
mm
RNC90Y
30.1 to 121K
± 0.005
± 1.0
M, P, R
(See
Table 3)
0.6 W
0.3 W
0.6
W: 0.105 ± 0.010
L: 0.300 ± 0.010
H: 0.326 ± 0.010
ST: 0.015 ± 0.005
SW: 0.040 ± 0.005
LL: 1.000 ± 0.125
LS: 0.150 ± 0.005
2.67 ± 0.25
7.62 ± 0.25
8.28 ± 0.25
0.38 ± 0.13
1.02 ± 0.13
25.4 ± 3.18
3.81 ± 0.13
16.2 to 30.0
± 0.05
± 1.0
4.99 to 16.0
± 0.1
± 1.0
RNC90Z
30.1 to 121K
± 0.005
± 1.0
0.6 W
0.3 W
0.6
S555
(NON QPL)
30.1 to 121K
± 0.005
± 1.0
-
0.6 W
0.3 W
0.6
20 to < 30.1
± 0.01
± 1.0
5 to < 20
± 0.05
± 1.0
2 to < 5
± 0.1
± 1.0
1 to < 2
± 0.5
± 1.0
> 121K to 150K
± 0.005
± 1.0
-
0.4 W
0.2 W
0.6
Z555
(NON QPL)
30.1 to 121K
± 0.005
± 1.0
-
0.6 W
0.3 W
0.6
20 to < 30.1
± 0.01
± 1.0
4.99 to < 20R
± 0.05
± 1.0
Military and Space Established Reliability
Vishay Foil Resistors
Document Number: 63007
For any questions, contact: foil@vishaypg.com
www.foilresistors.com
Revision: 30-Jul-12
3
Note
• S555 and Z555 units are manufactured on the same production line facilities and are subjected to all the same process and lot control
requirements imposed on RNC90Y (Z) version, as well as all of the special screening, environmental conditioning and documentation
stipulations outlined in MIL-PRF 55182/9
TABLE 3 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y1189100R500AR0L (preferred part number format)
DENOTES PRECISION
VALUE
LIFE FAILURE RATE (LFR)(1)
AER(2)
Y
R =

K = k
R = ± 0.01 %
P = ± 0.1 %
M = ± 1.0 %
0 = standard
1 - 999 = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1189 = RNC90Z
0089 = RNC90Y
1508 = RNC90T
1506 = RNC90S
0088 = S555
1288 = Z555
V = ± 0.005 %
T = ± 0.01 %
A = ± 0.05 %
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
L = bulk pack
R = tape and reel
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1189 100R500 A R 0 L:
TYPE: RNC90Z
VALUE: 100.5

ABSOLUTE TOLERANCE: ± 0.05 %
LIFE FAILURE RATE (LFR): ± 0.01 %
AER: standard
PACKAGING: bulk pack
HISTORICAL PART NUMBER: RNC90Z 100R50 A R B (will continue to be used)
RNC90Z
100R50
A
R
B
MODEL
OHMIC VALUE
RESISTANCE
TOLERANCE
LIFE FAILURE
RATE (LFR)(1)
PACKAGING
RNC90Z
RNC90S
RNC90Y
RNC90T
S555
Z555
100.5
V = ± 0.005 %
T = ± 0.01 %
A = ± 0.05 %
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
R = ± 0.01 %
P = ± 0.1 %
M = ± 1.0 %
B = bulk pack
Note
(1) Applicable only for QPL part. For S555 and Z555 please assign "0" instead.
(2) For non-standard requests, please contact application engineering.
18
91
0
R
5
0
Y1
AR
0
0
0
L


Similar Part No. - Y1506100K500TR0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y1506100K500TR0L VISHAY-Y1506100K500TR0L Datasheet
303Kb / 5P
   Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 03-Sep-08
Y1506100K500TR0L VISHAY-Y1506100K500TR0L Datasheet
115Kb / 5P
   Z-Bulk Metal® Foil Technology RNC90Z to MIL-PRF-55182/9
Revision: 28-Aug-08
More results

Similar Description - Y1506100K500TR0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RNC90Y VISHAY-RNC90Y Datasheet
303Kb / 5P
   Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 03-Sep-08
RNC90Z VISHAY-RNC90Z Datasheet
115Kb / 5P
   Z-Bulk Metal® Foil Technology RNC90Z to MIL-PRF-55182/9
Revision: 28-Aug-08
300190-9 VISHAY-300190-9 Datasheet
123Kb / 4P
   Bulk Metal Foil Technology Molded Resistor Networks
Revision 18-Aug-04
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VSM0805 VISHAY-VSM0805 Datasheet
66Kb / 2P
   Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
Revision 17-Aug-04
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VSR144 VISHAY-VSR144_07 Datasheet
109Kb / 4P
   Bulk Metal Foil Technology Industrial Grade Miniature Voltage Divider
Revision: 28-Jun-07
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
VHP4Z VISHAY-VHP4Z Datasheet
222Kb / 5P
   Z-Based Bulk Metal® Foil Technology Rapid ΔR Stabilization - Low WCR - Low TCR
Revision: 02-Mar-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com