Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1050 Datasheet(PDF) 1 Page - Formosa MS

Part # SS1050
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SS1050 Datasheet(HTML) 1 Page - Formosa MS

  SS1050 Datasheet HTML 1Page - Formosa MS SS1050 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0012325678001292
06 55 977
775

7


 "
#$ %#&
"
' ()*+,-$/01234
3'
5679:
;<=
>
?9;?@;A7?;B
B
>
7<CDE7B
FB
>
=
7B
<G;HIB
;=
IB
J
K:
;LL;H>
:
>
=
JM:
;<<>
N
>
?;=
>
IDOPQR
S
MID<=
B
T?=
>
IDT=
>
:
>
U7<VI>
ER
N
B
77
LI:
E7E9:
;<=
>
?=
7?6D>
WT7
GIFB
7V7B
<7:
7;@;A7
X>
A6N
IB
F;B
E<TB
A7?TB
B
7D=?;9;H>
:
>
=
J
X>
A6=
7L97B
;=
TB
7<I:
E7B
>
DAAT;B
;D=
77EY
Z[SM\
S]
Z[^_
`]
a[LLbN
B
IL?;<7N
IBcS<7?IDE<
95870
d69e
9fg959
d9h
d8d795
ei09egf57
9f697957
05
0
j;=
>
DA<;=Z[M;LH>
7D==
7L97B
;=
TB
7TD:
7<<I=
67B
F>
<7<97?>
N
>
7E]
k>
DA:
796;<76;:
N
R
F;V7`SXU\
B
7<>
<=
>
V7IB>
DET?=
>
V7:
I;E\
N
IB?;9;?>
=
>
V7:
I;E?TB
B
7D=E7B
;=
7HJZSl]
ZS
cP
ZS
aS
Zc
aS
PS
Zm
PS
[S
a[
[S
`S
PZ
`S
mS
[`
mS
QnG5k
QnG5k
QnG5k
8e
50
oL9<
oL9<
QI:
=
<
cS]
S
Z[S]
S
S]
pS
n97B
;=
>
DAq
TD?=
>
ID=
7L97B
;=
TB
7B
;DA7
r;s>
LTLB
797=
>
=
>
V797;@B
7V7B
<7VI:
=
;A7
r;s>
LTLjrkVI:
=
;A7
r;s>
LTLtMH:
I?@>
DAVI:
=
;A7
r;s>
LTL;V7B
;A7N
IB
F;B
EB
7?=
>
N
>
7E?TB
B
7D=
_
<77N
>
A]
cb
u7;@N
IB
F;B
E<TB
A7?TB
B
7D=
m]
aL<<>
DA:
76;:
N<>
D7R
F;V7<T97B
>
L9I<7EID
B
;=
7E:
I;E_
vwtwMr7=
6IEb
r;s>
LTL>
D<=
;D=
;D7IT<N
IB
F;B
EVI:
=
;A7;=cSo
r;s>
LTLtMB
7V7B
<7?TB
B
7D= 59xZ[M
;=B
;=
7EtMH:
I?@>
DAVI:
=
;A7
59xcSSM
5J9>
?;:q
TD?=
>
ID?;9;?>
=
;D?7_
yn5wcb
c]
S
Z]
S
[[S
9K
M
Lo
5J9>
?;:=
67B
L;:B
7<>
<=
;D?7_
yn5wZb
Mz
{
cSS
pS
cSS
pS
PO
pS
OS
`a
OS
k=
IB
;A7=
7L97B
;=
TB
7B
;DA7
M
R
`[=
I|c[S
R
`[=
I|c[S
ZS]
S
S]
[[
S]
m[
00
1232
00
12}2
00
12~2
00
122
00
12€2
00
122
00
12‚2
00
12ƒ2
00
1292
„…†‡ˆ‰„
Q77d
Q7d0
Qg
Š
‹
9Œ
Š
0d
Q
Š
7
jŽ
M
5
505i
P[
aZ
P[
00
12~
‘’YvwtwMtnR
ZcPo“LI:
E7E9:
;<=
>
?HIEJ
5’”•–
—˜
‘Yu:
;=
7E;s>
;::
7;E<\<I:
E7B
;H:
797BrŠ
GR
k5tR
p[S\
r7=
6IEZSZ`
™š˜
”–
›
œYMI:
IBH;DEE7DI=
7<?;=
6IE77DE
dš—›
–
—ž™š‘–
›
–
š—YoDJ
Ÿ’–
ž ›
Y
S]
SSmITD?7\S]
ZcpAB
;L<
eš›
’¡
c]
r7;<TB
7E;=crXU;DE;99:
>
7EB
7V7B
<7VI:
=
;A7INP]
SQt]
M]
Z]
u]
M]
“]LITD=
7EF>
=
6S]
`sS]
`^_
c`sc`LLb?I997B9;E;B
7;<
/
$¢£
/
¤¥¦
/
$§£
§/
¥¦
/
¥¨£
¨/
¥¦
/
¢£
¤/
/
$¤£
¥/
¥¦
/
©£
¨/
/¢¤£
/
/
$¨£
/
¤¦
/§¥£/
ª¦
/¥¥£
$/
©¦
/
ª$£
¤/
©¦
/
§§$£
¢/
©¦
/$£/
§¦
/ ¤£/
$¤¦
/ ¢£/
§¦
«0¬/
0d­
g ®
319
¯°
13±'°
#±'°
±°
±²³3'´±µ£
&
&
°
13"
34
S]
c
R
`[=
I|c[S
¶·¸¹·º»½¾
¿ÀÁÂÄ
ÆÇÈÉÊÂËÌÍ
Æ
Í
ÎÎÉÂÏÆÀÌ
Â
ÐÂÑÒ
ÎÂÏÆÀÌ
 ÐÂÑÒ
ÎÒ
ÇË
¿ÀÁÂÓ
ÔÌ
Ì
ÕÖ
×
×
ØØØÓ
Ù
ÇÚÊÇÎÀÊÎÓ
ÈÇÊ×
ÛÜÝÖ
ÞÞßàáàááßâßßßÄ
ãäåÖ
ÞÞßàáàááßâßÄæÄ
Æçàáááßæè
áééÞ×
éá×
Äé
áéÄé×
éê×
Äé
ë
á
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SS1050

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS1050 SECELECTRONICS-SS1050 Datasheet
210Kb / 5P
   Unipolar Hall-Effect Digital Switch
logo
First Silicon Co., Ltd
SS1050C FS-SS1050C Datasheet
155Kb / 2P
   Schottky Rectifier
logo
SEC Electronics Inc.
SS1050ESOT SECELECTRONICS-SS1050ESOT Datasheet
210Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS1050EUA SECELECTRONICS-SS1050EUA Datasheet
210Kb / 5P
   Unipolar Hall-Effect Digital Switch
logo
SAMYANG ELECTRONICS CO....
SS1050FL SAMYANG-SS1050FL Datasheet
1Mb / 2P
   SCHOTTKY BARRIE R RECTIFIERS
More results

Similar Description - SS1050

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com