Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFR2500Z02207JA100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NFR2500Z02207JA100
Description  Fusible, Non-Flammable Metal Film Leaded Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NFR2500Z02207JA100 Datasheet(HTML) 1 Page - Vishay Siliconix

  NFR2500Z02207JA100 Datasheet HTML 1Page - Vishay Siliconix NFR2500Z02207JA100 Datasheet HTML 2Page - Vishay Siliconix NFR2500Z02207JA100 Datasheet HTML 3Page - Vishay Siliconix NFR2500Z02207JA100 Datasheet HTML 4Page - Vishay Siliconix NFR2500Z02207JA100 Datasheet HTML 5Page - Vishay Siliconix NFR2500Z02207JA100 Datasheet HTML 6Page - Vishay Siliconix NFR2500Z02207JA100 Datasheet HTML 7Page - Vishay Siliconix NFR2500Z02207JA100 Datasheet HTML 8Page - Vishay Siliconix NFR2500Z02207JA100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Fusible, Non-Flammable Metal Film Leaded Resistors
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28737
1
Revision: 30-Mar-10
NFR25, NFR25H
Vishay BCcomponents
DESCRIPTION
A homogeneous film of metal alloy is deposited on a high
grade ceramic body. After a helical groove has been cut in
the resistive layer, tinned connecting wires of electrolytic
copper are welded to the end-caps. The resistors are coated
with a grey, flame retardant lacquer which provides
electrical,
mechanical,
and
climatic
protection.
The
encapsulant is resistant to all cleaning solvents in
accordance with IEC 60068-2-45.
FEATURES
• Technology: Metal film
• Overload protection without risk of fire
• Wide range of overload currents (refer Fusing
Characteristics graphs)
• Lead (Pb)-free solder contacts
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Compatible to RoHS directive 2002/95/EC
APPLICATIONS
•Audio
•Video
Notes
R value is measured with probe distance of 24 mm ± 1 mm using 4-terminal method
(1) Ohmic values (other than resistance range) are available on request
TECHNICAL SPECIFICATIONS
DESCRIPTION
UNIT
NFR25
NFR25H
Resistance Range (1)
Ω
0.22 to 15k
0.22 to 15k
Resistance Tolerance
%
± 5
± 5
Resistance Series
E24
E24
Rated Dissipation,
P70
W
0.33
0.5
Thermal Resistance (
Rth)
K/W
240
150
Temperature Coefficient
ppm/K
0.22
Ω ≤ R ≤ 4.7 Ω≤ ± 200
≤ ± 200
4.7
Ω < R ≤ 15 Ω≤ ± 200
≤ ± 100
15
Ω < R ≤ 15 kΩ≤ ± 100
≤ ± 100
Operating Voltage,
Umax. DC or RMS
V
250
350
Basic Specifications
IEC 60 115-1
IEC 60 115-1
Climatic Category (IEC 60068-1)
55/155/56
55/155/56
Max. Resistance Change for Resistance Range,
ΔR max., after:
Load (1000 h,
P70):
± (1 %
R + 0.05 Ω)± (1 % R + 0.05 Ω)
Long Term Damp Heat Test (56 Days):
± (1 %
R + 0.05 Ω)± (1 % R + 0.05 Ω)
Soldering (260 °C, 10 s):
± (0.25 %
R + 0.05 Ω)
± (0.25 %
R + 0.05 Ω)


Similar Part No. - NFR2500Z02207JA100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR2500002207JA100 VISHAY-NFR2500002207JA100 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
More results

Similar Description - NFR2500Z02207JA100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
   Fusible, Non-Flammable Resistors
Revision: 21-Feb-08
logo
Welwyn Components Limit...
FM1 WELWYN-FM1 Datasheet
110Kb / 2P
   Fusible Metal Film Resistors
logo
Riedon Powertron
MFFS-1 RIEDON-MFFS-1 Datasheet
45Kb / 1P
   Metal Film, Fusible Resistors
logo
Welwyn Components Limit...
FA8025 WELWYN-FA8025 Datasheet
117Kb / 2P
   Fusible Metal Film Resistors
logo
UNIOHM CORPORATION
FR-25 UNIOHM-FR-25 Datasheet
1Mb / 1P
   Fusible Metal Film Resistors
logo
Vishay Siliconix
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
   Metal Film, Cylindrical, Fusible Resistors
Revision 24-Jun-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com