Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN50C10R0CBSL143 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RN50C10R0CBSL143
Description  Metal Film Resistors, Military, MIL-R-10509 Qualified
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RN50C10R0CBSL143 Datasheet(HTML) 2 Page - Vishay Siliconix

  RN50C10R0CBSL143 Datasheet HTML 1Page - Vishay Siliconix RN50C10R0CBSL143 Datasheet HTML 2Page - Vishay Siliconix RN50C10R0CBSL143 Datasheet HTML 3Page - Vishay Siliconix RN50C10R0CBSL143 Datasheet HTML 4Page - Vishay Siliconix RN50C10R0CBSL143 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMF (Military RN and RL)
www.vishay.com
Vishay Dale
Revision: 02-May-13
2
Document Number: 31027
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For additional information on packaging, refer to the Through Hole Resistor Packaging document (www.vishay.com/doc?31544).
APPLICABLE MIL-SPECS
MIL-R-10509 and MIL-PRF-22684: The CMF models meet
or exceed the electrical, environmental and dimensional
requirements of MIL-R-10509 and MIL-PRF-22684.
Noise: Vishay Dale metal film resistors have exceptionally
low noise level. Average for standard resistance range is
0.10 μV per V over a decade of frequency, with low and
intermediate resistance values typically below 0.05 μV per V.
GLOBAL PART NUMBER INFORMATION
MIL STYLE
TOLERANCE
CODE
RN50
E= 25 ppm
3 digit significant
B = ± 0.1 %
RN55
C = 50 ppm
figure, followed by
C = ± 0.25 %
D = ± 0.5 %
0
R
0
1
= 10
Ω
2
5
1
2
= 21.5 k
Ω
2494 = 2.49 M
Ω
New Global Part Numbering: RN60D3483FR36 (preferred part numbering format)
R
N
6
0
D
348
3F
R
3
6
Historical Part Number example: RN60D3483F (will continue to be accepted)
3483
D
RN60
MIL STYLE
CHARACTERISTIC
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
RN65
RN70
RN60
= 100 ppm
a multiplier
D
F = ± 1 %
Blank = Standard
(Dash number)
88 = Hot solder dip
143 = Non-magnetic
R36
F
PACKAGING
SPECIAL
CHARACTERISTIC
RESISTANCE
VALUE
B14 = Tin/lead, bulk
BSL = Tin/lead, bulk,
single lot date code
R36 = Tin/lead, T/R (full)
RE6 = Tin/lead, T/R (1000 pieces)
RSL = Tin/lead, T/R,
single lot date code
Use “R” for
values < 100
Ω
MIL STYLE
TOLERANCE
CODE
PACKAGING
RL07
S = Solderable
2 digit significant
G = ± 2 %
B14 = Tin/lead, bulk
BSL = Tin/lead, bulk, single lot date code
R36 = Tin/lead, T/R (full)
RE6 = Tin/lead, T/R (1000 pieces)
RSL = Tin/lead, T/R, single lot date code
RL20
figure, followed by
J = ± 5 %
a multiplier
4R3 = 4.3
Ω
202 = 2.0 k
Ω
474 = 470 k
Ω
New Global Part Numbering: RL07S471JR36 (preferred part numbering format)
Historical Part Number example: RL07S471J (will continue to be accepted)
MIL STYLE
LEAD MATERIAL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
RL0
7
S
4
7
1
J
R
3
6
RL07
S
471
J
R36
LEAD MATERIAL
RESISTANCE
VALUE
Use “R” for
values < 10
Ω
SPECIAL
Blank = Standard
(Dash number)
88 = Hot solder dip
143 = Non-magnetic
MATERIAL SPECIFICATIONS
Element
Nickel-chrome alloy
Coating
Flame retardant epoxy, formulated for
superior moisture protection
Core
Fire-cleaned high purity ceramic
Termination
Standard lead material is solder-coated
copper. Solderable and weldable.
CAGE CODE: 91637
ENVIRONMENTAL SPECIFICATIONS
General
Environmental performance is shown in the
Environmental Performance table. Test methods
are those specified in MIL-R-10509 and
MIL-PRF-22684.
Shelf Life
Resistance shifts due to storage at room
temperature are negligible.


Similar Part No. - RN50C10R0CBSL143

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN50C10R0CBSL143 VISHAY-RN50C10R0CBSL143 Datasheet
154Kb / 5P
   Metal Film Resistors
Revision: 02-May-13
More results

Similar Description - RN50C10R0CBSL143

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN60D3483FR36 VISHAY-RN60D3483FR36 Datasheet
160Kb / 5P
   Metal Film Resistors, Military MIL-R-10509 Qualified, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 28-Aug-06
RN55D5621F VISHAY-RN55D5621F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
RN55E1002BR36 VISHAY-RN55E1002BR36 Datasheet
158Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 11-Mar-10
RN55D2742F VISHAY-RN55D2742F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
CMF VISHAY-CMF Datasheet
146Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL_15 Datasheet
146Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 25-Aug-15
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com