Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ4704 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MMSZ4704
Description  Small Signal Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMSZ4704 Datasheet(HTML) 1 Page - Vishay Siliconix

  MMSZ4704 Datasheet HTML 1Page - Vishay Siliconix MMSZ4704 Datasheet HTML 2Page - Vishay Siliconix MMSZ4704 Datasheet HTML 3Page - Vishay Siliconix MMSZ4704 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMSZ4681 to MMSZ4717
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 27-Feb-13
1
Document Number: 85773
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Zener Diodes
FEATURES
• Silicon planar Zener diodes
• Standard Zener voltage tolerance is ± 5 %
• High temperature soldering guaranteed:
260 °C/4 x 10 s set terminals
• AEC-Q101 qualified
• ESD capability according to AEC-Q101:
Human body model > 8 kV
Machine model > 800 V
• Base P/N-E3 - RoHS-compliant, commercial grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
2.4 to 43
V
Test current IZT
0.05
mA
VZ specification
Thermal equilibrium
Int. construction
Single
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
MMSZ4681 to
MMSZ4717
MMSZ4681-E3-08 to MMSZ4717-E3-08
3000 (8 mm tape on 7" reel)
15 000/box
MMSZ4681-HE3-08 to MMSZ4717-HE3-08
MMSZ4681-E3-18 to MMSZ4717-E3-18
10 000 (8 mm tape on 13" reel)
10 000/box
MMSZ4681-HE3-18 to MMSZ4717-HE3-18
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING CONDITIONS
SOD-123
10.3 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
TL = 75 °C, on FR - 4 or FR - 5 board with
minimum recommended solder pad layou
Ptot
500
mW
Zener current
See table “Electrical Characteristics”
Thermal resistance junction to ambient air
On FR - 4 or FR - 5 board with minimum
recommended solder pad layou
RthJA
340
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Operating temperature range
Top
- 55 to + 150
°C


Similar Part No. - MMSZ4704

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4704 GE-MMSZ4704 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4704 MCC-MMSZ4704 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
logo
EIC discrete Semiconduc...
MMSZ4704 EIC-MMSZ4704 Datasheet
118Kb / 4P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
MMSZ4704 SUNMATE-MMSZ4704 Datasheet
456Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
TAITRON Components Inco...
MMSZ4704 TAITRON-MMSZ4704 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
More results

Similar Description - MMSZ4704

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com