Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB20H200CT-1 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MBRB20H200CT-1
Description  Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBRB20H200CT-1 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MBRB20H200CT-1 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBRB20H200CT-1 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBRB20H200CT-1 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings (TC = 25°C unless otherwise noted)
Parameter
Symbol MBR20H200CT MBRF20H200CT MBRB20H200CT-1 Unit
Maximum repetitive peak reverse voltage
VRRM
200
V
Working peak reverse voltage
VRWM
200
V
Maximum DC blocking voltage
VDC
200
V
Maximum average forward rectified current Total device
20
(Fig. 1)
Per leg
IF(AV)
10
A
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
290
A
on rated load (JEDEC Method) per leg
Peak repetitive reverse current per leg at tp = 2µs, 1KHZ
IRRM
1.0
A
Peak non-repetitive reverse surge energy
ERSM
20
mJ
(8/20µs waveform)
Non-repetitive avalanche energy per leg
at 25°C, EAS = 2.0A, L=10mH
EAS
20
mJ
Electrostatic discharge capacitor voltage
Human body model: C = 100pF, R = 1.5KΩ
VC
25
KV
Voltage rate of change (rated VR)
dv/dt
10,000
V/µs
Operating junction and storage temperature range
TJ, TSTG
–65 to +175
°C
RMS Isolation voltage (MBRF type only) from terminals
4500 (1)
to heatsink with t = 1 second, RH ≤ 30%
VISOL
3500 (2)
V
1500 (3)
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
Typical
Maximum
Unit
Maximum instantaneous
IF = 10A,
Tj = 25°C
0.81
0.88
forward voltage per leg at:
IF = 10A,
Tj = 125°C
0.65
0.75
IF = 20A,
Tj = 25°C
VF
0.87
0.97
V
IF = 20A,
Tj = 125°C
0.74
0.85
Maximum reverse current per leg
TJ = 25°C
5.0
µA
at working peak reverse voltage(4)
TJ = 125°C
IR
1.0
mA
Typical junction capacitance at 4.0V, 1MHZ
CJ
250
pF
Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR
MBRF
MBRB
Unit
Typical thermal resistance per leg
RΘJC
2.0
4.0
2.0
°C/W
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(2) Clip mounting (on case), where leads does overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is ≤ 4.9 mm (0.97”)
(4) Pulse test: 300µs pulse width, 1% duty cycle
Ordering Information
Product
Case
Package Code
Package Option
MBR20H200CT
TO-220AB
45
Anti-Static tube, 50/tube, 1K/carton
MBRF20H200CT
TO-200AB
45
Anti-Static tube, 50/tube, 1K/carton
MBRB20H200CT-1
TO-262AA
45
Anti-Static tube, 50/tube, 1K/carton
MBR20H200CT, MBRF20H200CT & MBRB20H200CT-1 Series
www.kersemi.com
2


Similar Part No. - MBRB20H200CT-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB20H200CT-1 VISHAY-MBRB20H200CT-1 Datasheet
66Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jun-04
logo
Kersemi Electronic Co.,...
MBRB20H200CT-1 KERSEMI-MBRB20H200CT-1 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results

Similar Description - MBRB20H200CT-1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF20H150CT KERSEMI-MBRF20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H90CT KERSEMI-MBRF30H90CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Sangdest Microelectroni...
DSS34 SMC-DSS34 Datasheet
305Kb / 4P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR30H100CT KERSEMI-MBR30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF3035C KERSEMI-MBRF3035C Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com