Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20H200CT Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MBR20H200CT
Description  Guarding for overvoltage protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR20H200CT Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MBR20H200CT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR20H200CT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBR20H200CT Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MBR20H200CT Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MBR20H200CT, MBRF20H200CT & SB20H200CT-1
www.kersemi.com
1
FEATURES
• Guarding for overvoltage protection
• Low power loss, high efficiency
• Low forward voltage drop
• High frequency operation
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency inverters, freewheeling and
polarity protection applications.
MECHANICAL DATA
Case: TO-220AB, ITO-220AB, TO-262AA
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Mounting Torque: 10 in-lbs maximum
Polarity: As marked
PRIMARY CHARACTERISTICS
IF(AV)
2 x 10 A
VRRM
200 V
IFSM
290 A
VF
0.75 V
TJ
175 °C
TO-262AA
MBR20H200CT
MBRF20H200CT
SB20H200CT-1
CASE
PIN 2
PIN 1
PIN 3
1
1
2
2
3
3
TO-220AB
1
2
3
ITO-220AB
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR20H200CT
UNIT
Maximum repetitive peak reverse voltage
VRRM
200
V
Working peak reverse voltage
VRWM
200
V
Maximum DC blocking voltage
VDC
200
V
Maximum average forward rectified current
total device
per diode
IF(AV)
20
10
A
Peak forward surge current 8.3 ms single half sine-wave superimposed
on rated load per diode
IFSM
290
A
Peak repetitive reverse current per diode at tp = 2 µs, 1 kHz
IRRM
1.0
A
Peak non-repetitive reverse surge energy per diode (8/20 µs waveform)
ERSM
20
mJ
Non-repetitive avalanche energy per diode at 25 °C, IAS = 2.0 A, L = 10 mH
EAS
20
mJ
Electrostatic discharge capacitor voltage
human body model air discharge: C = 100 pF, R 0 1.5 k
Ω
VC
25
kV
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C
Isolation voltage (ITO-220AB only) from terminals to heatsink t = 1 minute
VAC
1500
V


Similar Part No. - MBR20H200CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20H200CT VISHAY-MBR20H200CT Datasheet
66Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jun-04
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Taiwan Semiconductor Co...
MBR20H200CT TSC-MBR20H200CT Datasheet
444Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Vishay Siliconix
MBR20H200CT VISHAY-MBR20H200CT Datasheet
125Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 27-Jul-07
More results

Similar Description - MBR20H200CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMD24LHE MCC-SMD24LHE Datasheet
430Kb / 3P
   Guardring for overvoltage protection
logo
Kersemi Electronic Co.,...
MBRF1090 KERSEMI-MBRF1090 Datasheet
1Mb / 3P
   Guardring for overvoltage protection
MBRF2045CT-E345 KERSEMI-MBRF2045CT-E345 Datasheet
1Mb / 4P
   Guardring for overvoltage protection
MBR1545CT-E3 KERSEMI-MBR1545CT-E3 Datasheet
1Mb / 4P
   Guardring for overvoltage protection
logo
First Silicon Co., Ltd
MBRF10150CT FS-MBRF10150CT Datasheet
465Kb / 3P
   Guardring for overvoltage protection
logo
STMicroelectronics
TYP212 STMICROELECTRONICS-TYP212 Datasheet
67Kb / 5P
   SCR FOR OVERVOLTAGE PROTECTION
logo
Micro Commercial Compon...
SS34LHE MCC-SS34LHE Datasheet
539Kb / 3P
   Guardring for overvoltage protection
logo
Kersemi Electronic Co.,...
MBR1650 KERSEMI-MBR1650 Datasheet
1Mb / 4P
   Guardring for overvoltage protection
logo
Vishay Siliconix
SL12-M3 VISHAY-SL12-M3 Datasheet
83Kb / 4P
   Guardring for overvoltage protection
Revision: 09-Dec-13
logo
Bruckewell Technology L...
TMBR30100CT BWTECH-TMBR30100CT Datasheet
444Kb / 4P
   Guard ring for overvoltage protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com