Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFR25H0002209JN400 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # NFR25H0002209JN400
Description  Fusible, Non-Flammable Metal Film Leaded Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NFR25H0002209JN400 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button NFR25H0002209JN400 Datasheet HTML 2Page - Vishay Siliconix NFR25H0002209JN400 Datasheet HTML 3Page - Vishay Siliconix NFR25H0002209JN400 Datasheet HTML 4Page - Vishay Siliconix NFR25H0002209JN400 Datasheet HTML 5Page - Vishay Siliconix NFR25H0002209JN400 Datasheet HTML 6Page - Vishay Siliconix NFR25H0002209JN400 Datasheet HTML 7Page - Vishay Siliconix NFR25H0002209JN400 Datasheet HTML 8Page - Vishay Siliconix NFR25H0002209JN400 Datasheet HTML 9Page - Vishay Siliconix NFR25H0002209JN400 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Document Number: 28737
For technical questions, contact: filmresistorsleaded@vishay.com
www.vishay.com
Revision: 30-Mar-10
8
NFR25, NFR25H
Fusible, Non-Flammable Metal Film
Leaded Resistors
Vishay BCcomponents
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
NFR25
NFR25H
4.4.1
Visual examination
No holes; clean surface; no damage
4.4.2
Dimensions (outline)
Gauge (mm)
See Dimensions Table
4.5
Resistance
(refer note on first page for
measuring distance)
Applied voltage (+ 0 %/- 10 %):
R < 10 Ω: 0.1 V
10
Ω ≤ R < 100 Ω: 0.3 V
100
Ω ≤ R < 1 kΩ: 1 V
1 k
Ω ≤ R < 10 kΩ: 3 V
10 k
Ω ≤ R ≤ 15 kΩ: 10 V
R - Rnom.: max. ± 5 %
4.18
20 (Tb)
Resistance to soldering
heat
Thermal shock: 10 s; 260 °C;
3 mm from body
ΔR max.: ± (0.25 % R + 0.05 Ω)
4.29
45 (Xa)
Component solvent
resistance
Isopropyl alcohol or H2O
followed by brushing
No visual damage
4.17
20 (Ta)
Solderability
2 s; 235 °C:
Solder bath method; SnPb40
3 s; 245 °C:
Solder bath method; SnAg3Cu0.5
Good tinning (
≥ 95 % covered);
no damage
Solderability
(after aging)
8 h steam or 16 h, 155 °C;
leads immersed 6 mm;
for 2 s at 235 °C: Solder bath (SnPb40)
for 3 s at 245 °C: Solder bath
(SnAg3Cu0.5) method
Good tinning (
≥ 95 % covered);
no damage
4.7
Voltage proof
on insulation
URMS = 500 V during 1 min;
metal block method
No breakdown or flashover
4.16
Robustness of
terminations:
4.16.2
21 (Ua1)
Tensile all samples
Load 10 N; 10 s
Number of failures < 10 x 10-6
4.16.3
21 (Ub)
Bending half number
of samples
Load 5 N; 4 x 90°
Number of failures < 10 x 10-6
4.16.4
21 (Uc)
Torsion other half
of samples
3 x 360° in opposite directions
No damage
ΔR max.: ± (0.25 % R + 0.05 Ω)
4.20
29 (Eb)
Bump
3 x 1500 bumps in 3 directions; 40 g
No damage
ΔR max.: ± (0.25 % R + 0.05 Ω)
4.22
6 (Fc)
Vibration
Frequency 10 Hz to 500 Hz;
displacement 1.5 mm or acceleration
10 g; 3 directions; total 6 h (3 x 2 h)
No damage
ΔR max.: ± (0.25 % R + 0.05 Ω)
4.19
14 (Na)
Rapid change of
temperature
30 min at LCT and
30 min at UCT; 5 cycles
No visual damage
ΔR max.: ± (0.25 % R + 0.05 Ω)
4.23
Climatic sequence:
4.23.2
2 (Ba)
Dry heat
16 h; 155 °C
4.23.3
30 (Db)
Damp heat (accelerated)
1st cycle
24 h; 55 °C; 90 % to 100 % RH
4.23.4
1 (Aa)
Cold
2 h; - 55 °C
4.23.5
13 (M)
Low air pressure
2 h; 8.5 kPa; 15 °C to 35 °C
4.23.6
30 (Db)
Damp heat (accelerated)
remaining cycles
5 days; 55 °C; 95 % to 100 % RH
Rins min.: 103
ΔR max.: ± (1.5 % R + 0.1 Ω)
4.24
78 (Cab)
Damp heat
(steady state)
56 days; 40 °C; 90 % to 95 % RH;
loaded with 0.01
P70
(IEC steps: 0 V to 100 V)
Rins min.: 103
ΔR max.: ± (1 % R + 0.05 Ω)
4.25.1
Endurance (at 70 °C)
1000 h; loaded with
P70 or Umax.;
1.5 h ON and 0.5 h OFF
ΔR max.: ± (1 % R + 0.05 Ω)
4.25.3
Endurance at upper
category temperature
1000 h; no load
ΔR max.: ± (1 % R + 0.05 Ω)
4.8
Temperature coefficient
Between - 55 °C and + 155 °C
0.22
Ω ≤ R ≤ 4.7 Ω
4.7
Ω < R ≤ 15 Ω
15
Ω < R ≤ 15 kΩ
≤ ± 200 ppm/K
≤ ± 200 ppm/K
≤ ± 100 ppm/K
≤ ± 200 ppm/K
≤ ± 100 ppm/K
≤ ± 100 ppm/K
4.12
Noise
IEC 60195
< 0.1 μV/V
4.26
Accidental overload
Cheese-cloth
Non flammable
4.6.1.1
Insulation resistance
Maximum voltage
Umax. DC = 500 V
after 1 min; metal block method
Rins min.: 104


Similar Part No. - NFR25H0002209JN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
More results

Similar Description - NFR25H0002209JN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
   Fusible, Non-Flammable Resistors
Revision: 21-Feb-08
logo
Welwyn Components Limit...
FM1 WELWYN-FM1 Datasheet
110Kb / 2P
   Fusible Metal Film Resistors
logo
Riedon Powertron
MFFS-1 RIEDON-MFFS-1 Datasheet
45Kb / 1P
   Metal Film, Fusible Resistors
logo
Welwyn Components Limit...
FA8025 WELWYN-FA8025 Datasheet
117Kb / 2P
   Fusible Metal Film Resistors
logo
UNIOHM CORPORATION
FR-25 UNIOHM-FR-25 Datasheet
1Mb / 1P
   Fusible Metal Film Resistors
logo
Vishay Siliconix
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
   Metal Film, Cylindrical, Fusible Resistors
Revision 24-Jun-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com