Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1830-0000-000N0HT450H Datasheet(PDF) 2 Page - Cree, Inc

Part # CXA1830-0000-000N0HT450H
Description  LED array expands Crees family of high flux, multi die arrays in a smaller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1830-0000-000N0HT450H Datasheet(HTML) 2 Page - Cree, Inc

  CXA1830-0000-000N0HT450H Datasheet HTML 1Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 2Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 3Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 4Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 5Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 6Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 7Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 8Page - Cree, Inc CXA1830-0000-000N0HT450H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
2
XLamp CXa1830 LED
characteristics
characteristics
unit
minimum
typical
maximum
viewing angle (FWHm)
degrees
115
eSD withstand voltage (HBm per mil-Std-883D)
v
8000
DC forward current
mA
1400*
Reverse current
mA
0.1
Forward voltage (800 mA, 85 °C)
v
37
Forward voltage (800 mA, 25 °C)
v
42
*
Refer to the operating Limits section.
oPerating limits
The maximum current rating of the CXA1830 is dependent on the case temperature (Tc) when the LeD has reached
thermal equilibrium under steady-state operation. please refer to the mechanical Dimensions section on page 11 for
the location of the Tc measurement point.
CXA1830
0
300
600
900
1200
1500
0
25
50
75
100
125
150
Case Temperature (°C)


Similar Part No. - CXA1830-0000-000N0HT450H

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
More results

Similar Description - CXA1830-0000-000N0HT450H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com