Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3070 Datasheet(PDF) 10 Page - Cree, Inc

Part # CXA3070
Description  LED array expands Crees family of high flux, multi die integrated arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3070 Datasheet(HTML) 10 Page - Cree, Inc

Back Button CXA3070 Datasheet HTML 6Page - Cree, Inc CXA3070 Datasheet HTML 7Page - Cree, Inc CXA3070 Datasheet HTML 8Page - Cree, Inc CXA3070 Datasheet HTML 9Page - Cree, Inc CXA3070 Datasheet HTML 10Page - Cree, Inc CXA3070 Datasheet HTML 11Page - Cree, Inc CXA3070 Datasheet HTML 12Page - Cree, Inc CXA3070 Datasheet HTML 13Page - Cree, Inc CXA3070 Datasheet HTML 14Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
10
XLamp CXa3070 LED
cree ansi White bins Plotted on the cie 1931 color sPace (t
J = 85 °c)
3500K
4000K
4500K
5000K
5700K
3A
3B
3C
3D
5A
5B
5C
5D
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
CCx


Similar Part No. - CXA3070

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3071N SONY-CXA3071N Datasheet
280Kb / 24P
   Read/Write Amplifier (with Built-in Filters) for FDDs
More results

Similar Description - CXA3070

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com