Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA12CA Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SA12CA
Description  DEVICES FOR BIPOLAR APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SA12CA Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SA12CA Datasheet HTML 1Page - Fairchild Semiconductor SA12CA Datasheet HTML 2Page - Fairchild Semiconductor SA12CA Datasheet HTML 3Page - Fairchild Semiconductor SA12CA Datasheet HTML 4Page - Fairchild Semiconductor SA12CA Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SA5.0(C)A - SA170(C)A, Rev. A
SA5.0(C)A - SA170(C)A
500 Watt Transient Voltage Suppressors
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
1998 Fairchild Semiconductor Corporation
Symbol
Parameter
Value
Units
PPPM
Peak Pulse Power Dissipation on 10/1000
µs waveform
minimum 500
W
IPPM
Peak Pulse Current on 10/1000
µs waveform
see table
A
PM(AV)
Steady State Power Dissipation
.375 " lead length @ TA = 75
°C
1.0
W
if(surge)
Peak Forward Surge Current
superimposed on rated load (JEDEC method) (Note 1)
70
A
Tstg
Storage Temperature Range
-65 to +175
°C
TJ
Operating Junction Temperature
-65 to +175
°C
Features
Glass passivated junction.
500W Peak Pulse Power capability on
10/1000
µs waveform.
Excellent clamping capability.
Low incremental surge resistance.
Fast response time; typically less
than 1.0 ps from 0 volts to BV for
unidirectional and 5.0 ns for
bidirectional.
Typical I
R less than 1.0 µA above 10V.
1.0 min
(25.4)
0.140 (3.56)
0.104 (2.64)
0.034 (0.86)
0.028 (0.71)
0.300 (7.62)
0.230 (5.84)
Dimensions in
inches (mm)
DEVICES FOR BIPOLAR APPLICATIONS
- Bidirectional types use CA suffix.
- Electrical Characteristics apply in both directions.
DO-15
COLOR BAND DENOTES CATHODE
EXCEPT BIPOLAR
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Note 1: Measured on 8.3 ms single half-sine wave or equivalent square wave; Duty cycle = 4 pulses per minute maximum.


Similar Part No. - SA12CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA12CA PANJIT-SA12CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Shenzhen Luguang Electr...
SA12CA LUGUANG-SA12CA Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SA12CA SEMITECH-SA12CA Datasheet
244Kb / 6P
   Uni-directional Versions Available
logo
Won-Top Electronics
SA12CA WTE-SA12CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
MERITEK ELECTRONICS COR...
SA12CA MERITEK-SA12CA Datasheet
293Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - SA12CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMBJ5V0 FAIRCHILD-SMBJ5V0 Datasheet
121Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
SMCJ50 FAIRCHILD-SMCJ50 Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Seme LAB
BFY81DCSM SEME-LAB-BFY81DCSM Datasheet
19Kb / 1P
   Dual Bipolar NPN Devices.
2N3501DCSM SEME-LAB-2N3501DCSM Datasheet
27Kb / 2P
   DUAL BIPOLAR NPN DEVICES
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P_15 Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13009-Q UTC-MJE13009-Q Datasheet
257Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13007-Q UTC-MJE13007-Q_15 Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
   TVS devices for power line communication applications
logo
Seme LAB
2N918DCSM SEME-LAB-2N918DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
2N869AXDCSM SEME-LAB-2N869AXDCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com