Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS30623C623BRG Datasheet(PDF) 7 Page - ON Semiconductor

Part # AMIS30623C623BRG
Description  Micro-stepping Motor Driver
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS30623C623BRG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AMIS30623C623BRG Datasheet HTML 3Page - ON Semiconductor AMIS30623C623BRG Datasheet HTML 4Page - ON Semiconductor AMIS30623C623BRG Datasheet HTML 5Page - ON Semiconductor AMIS30623C623BRG Datasheet HTML 6Page - ON Semiconductor AMIS30623C623BRG Datasheet HTML 7Page - ON Semiconductor AMIS30623C623BRG Datasheet HTML 8Page - ON Semiconductor AMIS30623C623BRG Datasheet HTML 9Page - ON Semiconductor AMIS30623C623BRG Datasheet HTML 10Page - ON Semiconductor AMIS30623C623BRG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
AMIS−30623
http://onsemi.com
7
Table 5. DC PARAMETERS
Symbol
Pin(s)
Parameter
Test Conditions
Min
Typ
Max
Unit
SUPPLY AND VOLTAGE REGULATOR
VDD
VDD
Regulated internal supply
(Note 14)
8 V < VBB < 29 V
4.75
5
5.50
V
VddReset
Digital supply reset level @
power down (Note 15)
4.5
V
IddLim
Current limitation
Pin shorted to ground
VBB = 14 V
45
mA
SWITCH INPUT AND HARDWIRE ADDRESS INPUT
Rt_OFF
SWI
HW2
Switch OPEN resistance
(Note 16)
10
kW
Rt_ON
Switch ON resistance
(Note 16)
Switch to GND or VBB
2
kW
Vbb_sw
VBB range for guaranteed
operation of SWI and HW2
6
29
V
Ilim_sw
Current limitation
Short to GND or Vbat
VBB = 29 V
20
30
45
mA
HARDWIRED ADDRESS INPUTS AND TEST PIN
Vihigh
HW0
HW1
TST
Input level high
VBB = 14 V
0.7 * Vdd
V
Vilow
Input level low
VBB = 14 V
0.3 * Vdd
V
HWhyst
Hysteresis
VBB = 14 V
0.075 * Vdd
V
CHARGE PUMP
Vcp
VCP
Output voltage
6 V ≤ VBB ≤ 14 V
2 * VBB − 2.5
V
14 V ≤ VBB ≤ 30 V
VBB + 10
VBB + 15
V
Cbuffer
External buffer capacitor
220
470
nF
Cpump
CPP
CPN
External pump capacitor
220
470
nF
MOTION QUALIFICATION MODE OUTPUT (Note 17)
VOUT
SWI
Output voltage swing
TestBemf LIN command
0 − 4,85
V
ROUT
Output impedance
Service mode LIN command
2
kW
Av
Gain = VSWI / VBEMF
Service mode LIN command
0.50
PACKAGE THERMAL RESISTANCE VALUES
Rthja
SO
Thermal resistance junction
to ambient (2S2P)
Simulated conform
JEDEC JESD51
39
K/W
Rthjp
SO
Thermal resistance junction
to leads
19
K/W
Rthja
NQ
Thermal resistance junction
to ambient (2S2P)
30
K/W
Rthjp
NQ
Thermal resistance junction
to leads and exposed pad
0.95
K/W
14.Pin VDD must not be used for any external supply
15.The RAM content will not be altered above this voltage.
16.External resistance value seen from pin SWI or HW2, including 1 kW series resistor. For the switch OPEN, the maximum allowed leakage
current is represented by a minimum resistance seen from the pin.
17.Not applicable for “Product Versions AMIS30623C6238(R)G, AMIS30623C623B(R)G”


Similar Part No. - AMIS30623C623BRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS30623C6239G ONSEMI-AMIS30623C6239G Datasheet
1Mb / 65P
   LIN Micro-Stepping Motor Driver
June 2008 ??Rev. 4
AMIS30623C6239RG ONSEMI-AMIS30623C6239RG Datasheet
1Mb / 65P
   LIN Micro-Stepping Motor Driver
June 2008 ??Rev. 4
AMIS30623C623AG ONSEMI-AMIS30623C623AG Datasheet
1Mb / 65P
   LIN Micro-Stepping Motor Driver
June 2008 ??Rev. 4
AMIS30623C623ARG ONSEMI-AMIS30623C623ARG Datasheet
1Mb / 65P
   LIN Micro-Stepping Motor Driver
June 2008 ??Rev. 4
More results

Similar Description - AMIS30623C623BRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70514 ONSEMI-NCV70514_16 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
October, 2016 ??Rev. 3
NCV70514 ONSEMI-NCV70514 Datasheet
318Kb / 31P
   Micro-stepping Motor Driver
September, 2015 ??Rev. 2
AMIS-30521 ONSEMI-AMIS-30521 Datasheet
292Kb / 28P
   Micro-Stepping Motor Driver
May, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com