Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS30623C623ARG Datasheet(PDF) 6 Page - ON Semiconductor

Part # AMIS30623C623ARG
Description  Micro-stepping Motor Driver
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS30623C623ARG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AMIS30623C623ARG Datasheet HTML 2Page - ON Semiconductor AMIS30623C623ARG Datasheet HTML 3Page - ON Semiconductor AMIS30623C623ARG Datasheet HTML 4Page - ON Semiconductor AMIS30623C623ARG Datasheet HTML 5Page - ON Semiconductor AMIS30623C623ARG Datasheet HTML 6Page - ON Semiconductor AMIS30623C623ARG Datasheet HTML 7Page - ON Semiconductor AMIS30623C623ARG Datasheet HTML 8Page - ON Semiconductor AMIS30623C623ARG Datasheet HTML 9Page - ON Semiconductor AMIS30623C623ARG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
AMIS−30623
http://onsemi.com
6
DC PARAMETERS
The DC parameters are guaranteed overtemperature and VBB in the operating range, unless otherwise specified. Convention:
currents flowing into the circuit are defined as positive.
Table 5. DC PARAMETERS
Symbol
Pin(s)
Parameter
Test Conditions
Min
Typ
Max
Unit
MOTORDRIVER
IMSmax,Peak
MOTXP
MOTXN
MOTYP
MOTYN
Max current through motor
coil in normal operation
VBB = 14 V
800
mA
IMSmax,RMS
Max rms current through
coil in normal operation
VBB = 14 V
570
mA
IMSabs
Absolute error on coil
current (Note 8)
VBB = 14 V
−10
10
%
IMSrel
Matching of X & Y
coil currents
VBB = 14 V
−7
0
7
%
RDS(on)
On resistance for each
motor pin at IMSmax
(Note 9)
VBB = 12 V, Tj = 50°C
0.50
1
W
VBB = 8 V, Tj = 50°C
0.55
1
W
VBB = 12 V, Tj = 150°C
0.70
1
W
VBB = 8 V, Tj = 150°C
0.85
1
W
IMSL
Pulldown current
HiZ mode, VBB = 7.8 V
2
mA
LIN TRANSMITTER
Ibus_off
LIN
Dominant state, driver off
Vbus = 0 V, VBB = 8 V & 18 V
−1
mA
Ibus_off
Recessive state, driver off
Vbus = Vbat, VBB = 8 V & 18 V
20
mA
Ibus_lim
Current limitation
VBB = 8 V & 18 V
50
75
130
mA
Rslave
Pullup resistance
VBB = 8 V & 18 V
20
30
47
kW
LIN RECEIVER
Vbus_dom
LIN
Receiver dominant state
VBB = 8 V & 18 V
0
0.4 * VBB
V
Vbus_rec
Receiver recessive state
VBB = 8 V & 18 V
0.6 * VBB
VBB
V
Vbus_hys
Receiver hysteresis
VBB = 8 V & 18 V
0.05 * VBB
0.175 * VBB
V
THERMAL WARNING & SHUTDOWN
Ttw
Thermal warning
(Notes 10 and 11)
138
145
152
°C
Ttsd
Thermal shutdown (Note 12)
Ttw + 10
°C
Tlow
Low temperature warning
(Note 12)
Ttw − 155
°C
SUPPLY AND VOLTAGE REGULATOR
VbbOTP
VBB
Supply voltage for OTP
zapping (Note 13)
9.0
10.0
V
UV1
Stop voltage high threshold
7.8
8.4
8.9
V
UV2
Stop voltage low threshold
7.1
7.5
8.0
V
Ibat
Total current consumption
Unloaded outputs
VBB = 29 V
3.50
10.0
mA
Ibat_s
Sleep mode current
consumption
VBB = 8 V & 18 V
50
100
mA
8. Tested in production for 800 mA, 400 mA, 200 mA and 100 mA current settings for both X and Y coil.
9. Not measured in production. Guaranteed by design.
10.Parameter guaranteed by trimming relevant OTP’s in production test at 143°C (±5°C) and VBB = 14 V.
11. No more than 100 cumulated hours in life time above Tw.
12.Thermal shutdown and low temperature warning are derived from thermal warning. Guaranteed by design.
13.A buffer capacitor of minimum 100 mF is needed between VBB and GND. Short connections to the power supply are recommended.


Similar Part No. - AMIS30623C623ARG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS30623C623ARG ONSEMI-AMIS30623C623ARG Datasheet
1Mb / 65P
   LIN Micro-Stepping Motor Driver
June 2008 ??Rev. 4
More results

Similar Description - AMIS30623C623ARG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70514 ONSEMI-NCV70514_16 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
October, 2016 ??Rev. 3
NCV70514 ONSEMI-NCV70514 Datasheet
318Kb / 31P
   Micro-stepping Motor Driver
September, 2015 ??Rev. 2
AMIS-30521 ONSEMI-AMIS-30521 Datasheet
292Kb / 28P
   Micro-Stepping Motor Driver
May, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com