Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA14CA Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SA14CA
Description  DEVICES FOR BIPOLAR APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SA14CA Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SA14CA Datasheet HTML 1Page - Fairchild Semiconductor SA14CA Datasheet HTML 2Page - Fairchild Semiconductor SA14CA Datasheet HTML 3Page - Fairchild Semiconductor SA14CA Datasheet HTML 4Page - Fairchild Semiconductor SA14CA Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SA5.0(C)A - SA170(C)A, Rev. A
Transient Voltage Supressors
(continued)
Typical Characteristics
Steady State Power Derating Curve
0
25
50
75
100
125
150
175
200
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
LEAD TEMPERATURE ( C)
º
Pulse Derating Curve
0
25
50
75
100
125
150
175
200
0
25
50
75
100
AMBIENT TEMPERATURE ( C)
º
Non-Repetitive Surge Current
12
5
10
20
50
100
10
20
50
100
NUMBER OF CYCLES AT 60Hz
T = T max
8.3ms Single Half Sine-Wave
JEDEC Method
A
A
Pulse Waveform
01234
0
50
100
150
TIME (ms)
T = 25 C
º
A
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of Ipp
10/1000
µsec Waveform
as Defined by R.E.A.
tf = 10
µsec
e-kt
Peak Value
Ippm
Half Value-Ipp
2
td
Peak Pulse Power Rating Curve
0.0001
0.001
0.01
0.1
1
10
0.1
1
10
100
PULSE WIDTH (ms)
T = 25 C
º
A
Junction Capacitance - Unidirectional
1
5
10
50
100
200
10
20
50
100
200
500
1000
2000
4000
6000
REVERSE VOLTAGE (V)
T = 25 C
º
A
f = 1.0 MHz
Visg = 50m Vp-p
Measured at
Zero Bias
Measured at
Stand-Off
Voltage (V mw)


Similar Part No. - SA14CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA14CA PANJIT-SA14CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Shenzhen Luguang Electr...
SA14CA LUGUANG-SA14CA Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SA14CA SEMITECH-SA14CA Datasheet
244Kb / 6P
   Uni-directional Versions Available
logo
Won-Top Electronics
SA14CA WTE-SA14CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
MERITEK ELECTRONICS COR...
SA14CA MERITEK-SA14CA Datasheet
293Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - SA14CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMBJ5V0 FAIRCHILD-SMBJ5V0 Datasheet
121Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
SMCJ50 FAIRCHILD-SMCJ50 Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Seme LAB
BFY81DCSM SEME-LAB-BFY81DCSM Datasheet
19Kb / 1P
   Dual Bipolar NPN Devices.
2N3501DCSM SEME-LAB-2N3501DCSM Datasheet
27Kb / 2P
   DUAL BIPOLAR NPN DEVICES
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P_15 Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13009-Q UTC-MJE13009-Q Datasheet
257Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13007-Q UTC-MJE13007-Q_15 Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
   TVS devices for power line communication applications
logo
Seme LAB
2N918DCSM SEME-LAB-2N918DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
2N869AXDCSM SEME-LAB-2N869AXDCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com