Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1060F Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MBR1060F
Description  Low Forward Voltage , High Current Capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR1060F Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MBR1060F Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR1060F Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR1020F thru MBR10100F
10
8
6
4
2
0
0
50
100
150
CASE TEMPERATURE, ¢J
40
20
10
8
6
4
2
1.0
.8
. .6
.4
.2
.1
.4
.5
.6
.7
.8
9
1.0
1.1
50. 60V
20. 30. 40V
TJ = 25 ¢J
PULSE WIDTH = 200
£gs
80. 100V
INSTANTANEOUS FORWARD CHARACTERISTIC
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTNATANEOUS FORWARD
CHARACTERISTIC
150
130
110
90
70
50
30
20
10
1
2
5
10
20
50
100
8.3ms SINGLE HALF SINE
WAVE JEDEC METHOD
NO. OF CYCLES AT 60Hz
Fig. 3-MAXIMUM NON-REPETITIVE SURGE CURRENT
www.kersemi.com


Similar Part No. - MBR1060F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1060F MCC-MBR1060F Datasheet
382Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Pan Jit International I...
MBR1060F PANJIT-MBR1060F Datasheet
96Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR1060F MCC-MBR1060F Datasheet
99Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR1060F KERSEMI-MBR1060F Datasheet
1Mb / 2P
   Low Power Loss
MBR1060F KERSEMI-MBR1060F Datasheet
1Mb / 2P
   Low Forward Voltage , High Current Capability
More results

Similar Description - MBR1060F

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
   High current capability, low forward voltage
SBR10U45SP5 MAKOSEMI-SBR10U45SP5 Datasheet
499Kb / 4P
   High current capability, low forward voltage
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
   High current capability, low forward voltage
MBR1550CT MAKOSEMI-MBR1550CT Datasheet
535Kb / 4P
   High current capability, low forward voltage
SBR15U50SP5 MAKOSEMI-SBR15U50SP5 Datasheet
535Kb / 4P
   High current capability, low forward voltage
MBR1045 MAKOSEMI-MBR1045 Datasheet
499Kb / 4P
   High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
   High current capability, low forward voltage
SB1550L MAKOSEMI-SB1550L Datasheet
535Kb / 4P
   High current capability, low forward voltage
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
   High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
   High current capability, low forward voltage
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
   High current capability, low forward voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com