Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB25H45CTHE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBRB25H45CTHE3
Description  Schottky Rectifier, 2 x 15 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB25H45CTHE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBRB25H45CTHE3 Datasheet HTML 1Page - Vishay Siliconix MBRB25H45CTHE3 Datasheet HTML 2Page - Vishay Siliconix MBRB25H45CTHE3 Datasheet HTML 3Page - Vishay Siliconix MBRB25H45CTHE3 Datasheet HTML 4Page - Vishay Siliconix MBRB25H45CTHE3 Datasheet HTML 5Page - Vishay Siliconix MBRB25H45CTHE3 Datasheet HTML 6Page - Vishay Siliconix MBRB25H45CTHE3 Datasheet HTML 7Page - Vishay Siliconix MBRB25H45CTHE3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94308
2
Revision: 16-Mar-10
VS-MBRB25..CTPbF, VS-MBR25..CT-1PbF Series
Vishay High Power Products Schottky Rectifier, 2 x 15 A
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM (1)
30 A
TJ = 25 °C
0.82
V
TJ = 125 °C
0.73
Maximum instantaneous
reverse current
IRM (1)
TJ = 25 °C
Rated DC voltage
0.2
mA
TJ = 125 °C
40
Threshold voltage
VF(TO)
TJ = TJ maximum
0.355
V
Forward slope resistance
rt
12.3
m
Ω
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
700
pF
Typical series inductance
LS
Measured from top of terminal to mounting plane
8.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction temperature range
TJ
- 65 to 150
°C
Maximum storage temperature range
TStg
- 65 to 175
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
1.5
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.50
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
Non-lubricated threads
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style D2PAK
MBRB2545CT
Case style TO-262
MBR2545CT-1


Similar Part No. - MBRB25H45CTHE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB25H45CTHE3 VISHAY-MBRB25H45CTHE3 Datasheet
153Kb / 5P
   Dual Common Cathode Schottky Rectifier
Revision: 21-Nov-16
MBRB25H45CTHE3-A VISHAY-MBRB25H45CTHE3-A Datasheet
153Kb / 5P
   Dual Common Cathode Schottky Rectifier
Revision: 21-Nov-16
MBRB25H45CTHE3/45 VISHAY-MBRB25H45CTHE3/45 Datasheet
160Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBRB25H45CTHE3/81 VISHAY-MBRB25H45CTHE3/81 Datasheet
160Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
More results

Similar Description - MBRB25H45CTHE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ060PBF VISHAY-VS-30CTQ060PBF Datasheet
166Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 11-Oct-11
VS-30CTQ100SPBF VISHAY-VS-30CTQ100SPBF Datasheet
124Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 15-Mar-10
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
25CTQ VISHAY-25CTQ Datasheet
119Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
25CTQPBF VISHAY-25CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ150 VISHAY-30CPQ150 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
30CTQS VISHAY-30CTQS Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 06-Oct-08
MBRB3030CTL VISHAY-MBRB3030CTL Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
MBR2535CTPBF VISHAY-MBR2535CTPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
32CTQ030 VISHAY-32CTQ030 Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
STPS30L30CTPBF VISHAY-STPS30L30CTPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com