Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBA0204207ND0000DCT00 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBA0204207ND0000DCT00
Description  Professional Thin Film Leaded Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA0204207ND0000DCT00 Datasheet(HTML) 1 Page - Vishay Siliconix

  MBA0204207ND0000DCT00 Datasheet HTML 1Page - Vishay Siliconix MBA0204207ND0000DCT00 Datasheet HTML 2Page - Vishay Siliconix MBA0204207ND0000DCT00 Datasheet HTML 3Page - Vishay Siliconix MBA0204207ND0000DCT00 Datasheet HTML 4Page - Vishay Siliconix MBA0204207ND0000DCT00 Datasheet HTML 5Page - Vishay Siliconix MBA0204207ND0000DCT00 Datasheet HTML 6Page - Vishay Siliconix MBA0204207ND0000DCT00 Datasheet HTML 7Page - Vishay Siliconix MBA0204207ND0000DCT00 Datasheet HTML 8Page - Vishay Siliconix MBA0204207ND0000DCT00 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Professional Thin Film Leaded Resistors
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
Vishay Beyschlag
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28766
22
Revision: 03-Dec-12
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT\rARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DESCRIPTION
MBA/SMA 0204,
MBB/SMA 0207
and
MBE/SMA 0414
professional leaded thin film resistors are the general
purpose resistor for all fields of professional electronics
where reliability and stability is of major concern. Typical
applications
include
industrial,
telecommunication
and
medical equipment.
FEATURES
 Available in standard version or CECC version
(IECQ-CECC
approved
according
to
EN 140101-806)
 Advanced thin film technology
 Power dissipation rating up to 1 W
 Excellent overall stability: Class 0.25
 Wide professional range: 0.22  to 22 M
 Lead (Pb)-free termination wire
 Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
 AEC-Q200 qualified
 Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
 Industrial
 Telecommunication
 Medical equipment
 Automotive
Notes
• MB_ series has been merged with the related SMA series to form one series “MB_/SMA__”
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
METRIC SIZE
DIN
0204
0207
0414
CECC
AB
D
TECHNICAL SPECIFICATIONS
DESCRIPTION
MBA/SMA 0204
MBB/SMA 0207
MBE/SMA 0414
CECC Size
A
B
D
Resistance Range
0.22
 to 10 M; 0 
0.22
 to 22 M; 0 
0.22
 to 22 M
Resistance Tolerance
± 5 %; ± 1 %; ± 0.5 %
Temperature Coefficient
± 50 ppm/K; ± 25 ppm/K
Operation Mode
Long term
Standard
Long term
Standard
Long term
Standard
Climatic Category (LCT/UCT/Days)
55/125/56
55/155/56
55/125/56
55/155/56
55/125/56
55/155/56
Rated Dissipation,
P70
0.25 W
0.4 W
0.4 W
0.6 W
0.65 W
1.0 W
Operating Voltage,
Umax. AC/DC
200 V
350 V
500 V
Film Temperature
125
C
155
C
125
C155 C
125
C155 C
Max. Resistance Change at
P70
for Resistance Range,
R/R max., After:
1
 to 332 k
1
 to 1 M
1
 to 2.4 M
1000 h
0.25 %
0.5 %
0.25 %
0.5 %
0.2 %
0.4 %
8000 h
0.5 %
1.0 %
0.5 %
1.0 %
0.4 %
0.8 %
225 000 h
1.5 %
-
1.5 %
-
1.2 %
-
Permissible Voltage Against Ambient
(Insulation):
1 Minute;
Uins
300 V
500 V
800 V
Continuous
75 V
75 V
75 V
Failure Rate: FITobserved
0.1 x 10-9/h
0.1 x 10-9/h
0.1 x 10-9/h


Similar Part No. - MBA0204207ND0000DCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
More results

Similar Description - MBA0204207ND0000DCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204_15 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com