Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL214699505E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MAL214699505E3
Description  Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214699505E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MAL214699505E3 Datasheet HTML 3Page - Vishay Siliconix MAL214699505E3 Datasheet HTML 4Page - Vishay Siliconix MAL214699505E3 Datasheet HTML 5Page - Vishay Siliconix MAL214699505E3 Datasheet HTML 6Page - Vishay Siliconix MAL214699505E3 Datasheet HTML 7Page - Vishay Siliconix MAL214699505E3 Datasheet HTML 8Page - Vishay Siliconix MAL214699505E3 Datasheet HTML 9Page - Vishay Siliconix MAL214699505E3 Datasheet HTML 10Page - Vishay Siliconix MAL214699505E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
146 CTI
www.vishay.com
Vishay BCcomponents
Revision: 01-Oct-13
8
Document Number: 28403
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE (C)
Fig. 5 - Typical multiplier of capacitance as a function
of ambient temperature
DISSIPATION FACTOR (tan
)
Fig. 6 - Typical multiplier of dissipation factor (tan
)
as a function of ambient temperature
EQUIVALENT SERIES RESISTANCE (ESR)
Fig. 7 - Typical multiplier of ESR as a function of frequency
IMPEDANCE (Z)
Fig. 8 - Typical impedance as a function of frequency
Fig. 9 - Typical impedance as a function of frequency
C
0 = Capacitance at 20 °C, 100 Hz
- 60
- 40
- 20
0
20
40
60
80
100
120
1.2
1.1
1.0
0.9
0.8
T
amb (°C)
C
C
0
1
2
1
2
Curve 1: 16 V
Curve 2: 63 V
- 60
- 40
- 20
0
20
40
60
80
100
120
140
T
amb (°C)
tan
tan
0
10
1
0.1
tan
δ
0 = Typical tan δ at 20 °C, 100 Hz
T
amb = 20 °C
ESR0 = typical ESR at 20 °C, 100 Hz
0.1
10
10
4
10
3
10
2
10
5
1
10
f (Hz)
ESR
ESR0
Curve 1: 220-25-1010
Curve 3: 470-25-1213
Curve 4: 680-25-1216
Curve 5: 1500-25-1616
Curve 6: 2700-25-1821
Curve 2: 330-25-1012
1
2
3
4
5
6
100
10
1
0.1
0.01
10
100
1000
10 000
100 000
f (Hz)
Z
(
Ω)
100
1000
10
1
0.1
0.01
10
100
1000
10 000
100 000
f (Hz)
Z
(
Ω)
1
2
3
4
5
6
Curve 1:
68-63-1010
Curve 3: 150-63-1213
Curve 4: 220-63-1216
Curve 5: 470-63-1616
Curve 6: 1000-63-1821
Curve 2: 100-63-1012


Similar Part No. - MAL214699505E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL214650331E3 VISHAY-MAL214650331E3 Datasheet
126Kb / 9P
   Aluminum Capacitors Radial, High Temperature, Low Impedance
Revision: 23-Jul-12
logo
Texas Instruments
MAL214651471E3 TI1-MAL214651471E3 Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
More results

Similar Description - MAL214699505E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
146CTI VISHAY-146CTI_11 Datasheet
134Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 10-May-11
160CLA VISHAY-160CLA_13 Datasheet
135Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI_V01 Datasheet
142Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
146CTI VISHAY-146CTI_16 Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
146-CTI VISHAY-146-CTI Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
160CLA VISHAY-160CLA_V01 Datasheet
140Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
160CLA VISHAY-160CLA_16 Datasheet
143Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 14-Dec-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com